Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSLU126 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MSLU126
Description  1W, Miniature SMD, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSLU126 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MSLU126 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSLU126 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSLU126 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSLU126 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSLU126 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSLU126 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSLU126 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSLU126 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2.54mm
7.62mm
10.8mm
1.6mm
1.0mm Min
2.1 [0.08]
3.04
[0.12]
2.54
[0.10]
5.08
[0.2]
13.7 [0.54]
1.0
12
4
85
5.5 [0.22]
5.5 [0.22]
11.0 0.2 [0.43]
0.3C
8.0 [0.31]
0.6 [0.024]
[0.06]
( Magnification of A )
R0
.5
13.0 [0.51]
13.3 [0.52]
{
{
1.5 0.1
1.5 0.1[0.06]
{
0.15
Top View ( 2.54 mm / 0.1 inch grids )
Single Output
Connecting Pin Patterns
Mechanical Dimensions
{0.002
{0.05
Pin
X.XXX{0.004
X.XX{0.10
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
2.54mm
1.0mm Min
7.62mm
10.8mm
1.6mm
( Magnification of A )
1.0
2.1 [0.08]
12
4
5
10
7
3.04
[0.12]
2.54
[0.10]
5.08
[0.2]
2.54
[0.10]
16.24 [0.64]
0.3C
0.6 [0.02]
5.5 [0.22]
0.15
11.0 0.2[0.43]
8.0 [0.31]
[0.06]
15.55 [0.61]
15.85 [0.62]
{
1.5 0.1[0.06]
{
{
1.5 0.1
Dual Output
MSLU100 Series
REV:10 2008/10
MINMAX
7


Similar Part No. - MSLU126

ManufacturerPart #DatasheetDescription
logo
MIC GROUP RECTIFIERS
MSLU126 MIC-MSLU126 Datasheet
277Kb / 5P
   DC/DC CONVERTER 1W, SMD Package with Industry Standard Pinout
logo
Total Power Internation...
MSLU126 TOTAL-POWER-MSLU126 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSLU126

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSAU100 MINMAX-MSAU100 Datasheet
237Kb / 8P
   1W, Miniature SMD, Single Output DC/DC Converters
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MSLU300 MINMAX-MSLU300 Datasheet
178Kb / 6P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
MSAU300 MINMAX-MSAU300 Datasheet
202Kb / 5P
   1W, High Isolation SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
LF100D MPD-LF100D Datasheet
542Kb / 4P
   Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com