Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L8005M2C-15G Datasheet(PDF) 9 Page - Macronix International

Part # MX25L8005M2C-15G
Description  8M-BIT [x 1] CMOS SERIAL FLASH
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L8005M2C-15G Datasheet(HTML) 9 Page - Macronix International

Back Button MX25L8005M2C-15G Datasheet HTML 5Page - Macronix International MX25L8005M2C-15G Datasheet HTML 6Page - Macronix International MX25L8005M2C-15G Datasheet HTML 7Page - Macronix International MX25L8005M2C-15G Datasheet HTML 8Page - Macronix International MX25L8005M2C-15G Datasheet HTML 9Page - Macronix International MX25L8005M2C-15G Datasheet HTML 10Page - Macronix International MX25L8005M2C-15G Datasheet HTML 11Page - Macronix International MX25L8005M2C-15G Datasheet HTML 12Page - Macronix International MX25L8005M2C-15G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9
P/N: PM1237
REV. 2.2, OCT. 23, 2008
MX25L8005
DEVICE OPERATION
1. Before a command is issued, status register should be checked to ensure device is ready for the intended operation.
2. When incorrect command is inputted to this LSI, this LSI becomes standby mode and keeps the standby mode until
next CS# falling edge. In standby mode, SO pin of this LSI should be High-Z.
3. When correct command is inputted to this LSI, this LSI becomes active mode and keeps the active mode until next
CS# rising edge.
4. Input data is latched on the rising edge of Serial Clock(SCLK) and data shifts out on the falling edge of SCLK. The
difference of SPI mode 0 and mode 3 is shown as Figure 2.
5. For the following instructions: RDID, RDSR, READ, FAST_READ, RES and REMS the shifted-in instruction sequence
is followed by a data-out sequence. After any bit of data being shifted out, the CS# can be high. For the following
instructions: WREN, WRDI, WRSR, SE, BE, CE, PP, RDP and DP the CS# must go high exactly at the byte boundary;
otherwise, the instruction will be rejected and not executed.
6. During the progress of Write Status Register, Program, Erase operation, to access the memory array is neglected and
not affect the current operation of Write Status Register, Program, Erase.
Figure 2.
SPI Modes Supported
SCLK
MSB
CPHA
shift in
shift out
SI
0
1
CPOL
0
(SPI mode 0)
(SPI mode 3)
1
SO
SCLK
MSB
Note:
CPOL indicates clock polarity of SPI master, CPOL=1 for SCLK high while idle, CPOL=0 for SCLK low while not
transmitting. CPHA indicates clock phase. The combination of CPOL bit and CPHA bit decides which SPI mode is
supported.


Similar Part No. - MX25L8005M2C-15G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8006EM1I12G MCNIX-MX25L8006EM1I12G Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8006EM2 MCNIX-MX25L8006EM2 Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8006EM2I12G MCNIX-MX25L8006EM2I12G Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8006EPI12G MCNIX-MX25L8006EPI12G Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L8005M2C-15G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
MX25V8005 MCNIX-MX25V8005 Datasheet
479Kb / 40P
   8M-BIT [x 1] 2.5V CMOS SERIAL FLASH
MX25L8006E MCNIX-MX25L8006E Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L8008E MCNIX-MX25L8008E Datasheet
668Kb / 52P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25V8006E MCNIX-MX25V8006E Datasheet
787Kb / 52P
   8M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L8006EM2 MCNIX-MX25L8006EM2 Datasheet
1Mb / 57P
   8M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L0805E GENERALPLUS-GPR25L0805E Datasheet
1Mb / 41P
   8M-bit [x 1/x 2/x 4] CMOS Serial Flash
logo
Macronix International
MX25L8036E MCNIX-MX25L8036E Datasheet
654Kb / 49P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L8035E MCNIX-MX25L8035E Datasheet
633Kb / 46P
   8M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX23L8051 MCNIX-MX23L8051 Datasheet
217Kb / 13P
   8M-BIT [8M x 1] CMOS SERIAL MASK-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com