Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L4005APC-12G Datasheet(PDF) 7 Page - Macronix International

Part # MX25L4005APC-12G
Description  4M-BIT [x 1] CMOS SERIAL FLASH
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L4005APC-12G Datasheet(HTML) 7 Page - Macronix International

Back Button MX25L4005APC-12G Datasheet HTML 3Page - Macronix International MX25L4005APC-12G Datasheet HTML 4Page - Macronix International MX25L4005APC-12G Datasheet HTML 5Page - Macronix International MX25L4005APC-12G Datasheet HTML 6Page - Macronix International MX25L4005APC-12G Datasheet HTML 7Page - Macronix International MX25L4005APC-12G Datasheet HTML 8Page - Macronix International MX25L4005APC-12G Datasheet HTML 9Page - Macronix International MX25L4005APC-12G Datasheet HTML 10Page - Macronix International MX25L4005APC-12G Datasheet HTML 11Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
7
P/N: PM1231
REV. 1.8, JUL. 17, 2008
MX25L4005A
Table 2. COMMAND DEFINITION
COMMAND WREN
WRDI
RDID
RDSR
WRSR
READ
Fast Read
(byte)
(write
(write
(read ident-
(read status
(write status
(read data)
(fast read
Enable)
disable)
ification)
register)
register)
data)
1st
06 Hex
04 Hex
9F Hex
05 Hex
01 Hex
03 Hex
0B Hex
2nd
AD1
AD1
3rd
AD2
AD2
4th
AD3
AD3
5th
x
Action
sets the
reset the
output the
to read out
to write new
n bytes
(WEL)
(WEL)
manufacturer the status
values to the
read out
write
write
ID and 2-byte register
status register until
enable
enable
device ID
CS# goes
latch bit
latch bit
high
COMMAND SE
BE
CE
PP
DP
RDP
RES
REMS (Read
(byte)
(Sector
(Block
(Chip
(Page
(Deep
(Release
(Read
Electronic
Erase)
Erase)
Erase)
Program)
Power
from Deep
Electronic
Manufacturer
Down)
Power-down)
ID)
& Device ID)
1st
20 Hex
52 or
60 or
02 Hex
B9 Hex
AB Hex
AB Hex
90 Hex
D8 Hex
C7 Hex
2nd
AD1
AD1
AD1
x
x
3rd
AD2
AD2
AD2
x
x
4th
AD3
AD3
AD3
x
ADD(1)
5th
Action
Output the
manufacturer
ID and device
ID
(1) ADD=00H will output the manufacturer's ID first and ADD=01H will output device ID first.
(2) It is not recommended to adopt any other code which is not in the above command definition table.


Similar Part No. - MX25L4005APC-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2C-15 MCNIX-MX25L4005M2C-15 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2C-15G MCNIX-MX25L4005M2C-15G Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2I-15 MCNIX-MX25L4005M2I-15 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2I-15G MCNIX-MX25L4005M2I-15G Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
More results

Similar Description - MX25L4005APC-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25V4006E MCNIX-MX25V4006E Datasheet
1Mb / 50P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L4006E MCNIX-MX25L4006E Datasheet
1Mb / 52P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L4026E MCNIX-MX25L4026E Datasheet
636Kb / 48P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V4035 MCNIX-MX25V4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25U4035 MCNIX-MX25U4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035 MCNIX-MX25U4035_14 Datasheet
2Mb / 57P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25V8035 MCNIX-MX25V8035_14 Datasheet
2Mb / 55P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25L512 MCNIX-MX25L512 Datasheet
1Mb / 39P
   512K-BIT [x 1] CMOS SERIAL FLASH
MX25L12805D MCNIX-MX25L12805D Datasheet
425Kb / 42P
   128M-BIT [x 1] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com