Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L4005AM2C-12G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L4005AM2C-12G
Description  4M-BIT [x 1] CMOS SERIAL FLASH
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L4005AM2C-12G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L4005AM2C-12G Datasheet HTML 7Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 8Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 9Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 10Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 11Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 12Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 13Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 14Page - Macronix International MX25L4005AM2C-12G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
11
P/N: PM1231
REV. 1.8, JUL. 17, 2008
MX25L4005A
(4) Read Status Register (RDSR)
The RDSR instruction is for reading Status Register Bits. The Read Status Register can be read at any time (even in
program/erase/write status register condition) and continuously. It is recommended to check the Write in Progress (WIP)
bit before sending a new instruction when a program, erase, or write status register operation is in progress.
The sequence of issuing RDSR instruction is: CS# goes low-> sending RDSR instruction code-> Status Register data out
on SO (see Figure. 14)
The definition of the status register bits is as below:
WIP bit. The Write in Progress (WIP) bit, a volatile bit, indicates whether the device is busy in program/erase/write status
register progress. When WIP bit sets to 1, which means the device is busy in program/erase/write status register progress.
When WIP bit sets to 0, which means the device is not in progress of program/erase/write status register cycle.
WEL bit. The Write Enable Latch (WEL) bit, a volatile bit, indicates whether the device is set to internal write enable latch.
When WEL bit sets to 1, which means the internal write enable latch is set, the device can accept program/erase/write
status register instruction. When WEL bit sets to 0, which means no internal write enable latch; the device will not accept
program/erase/write status register instruction.
BP2, BP1, BP0 bits. The Block Protect (BP2, BP1, BP0) bits, non-volatile bits, indicate the protected area(as defined
in table 1) of the device to against the program/erase instruction without hardware protection mode being set. To write the
Block Protect (BP2, BP1, BP0) bits requires the Write Status Register (WRSR) instruction to be executed. Those bits
define the protected area of the memory to against Page Program (PP), Sector Erase (SE), Block Erase (BE) and Chip
Erase(CE) instructions (only if all Block Protect bits set to 0, the CE instruction can be executed)
SRWD bit. The Status Register Write Disable (SRWD) bit, non-volatile bit, is operated together with Write Protection (WP#)
pin for providing hardware protection mode. The hardware protection mode requires SRWD sets to 1 and WP# pin signal
is low stage. In the hardware protection mode, the Write Status Register (WRSR) instruction is no longer accepted for
execution and the SRWD bit and Block Protect bits (BP2, BP1, BP0) are read only.
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SRWD
BP2
BP1
BP0
WEL
WIP
Status
0
0
the level of the level of the level of
(write enable
(write in progress
Register Write
protected
protected
protected
latch)
bit)
Protect
block
block
block
1= status
(note 1)
(note 1)
(note 1)
1=write enable 1=write operation
register write
0=not write
0=not in write
disable
enable
operation
Note: 1. See the table "Protected Area Sizes".
2. The endurance cycles of protect bits are 100,000 cycles; however, the tW time out spec of protect bits is relaxed
as tW = N x 15ms (N is a multiple of 10,000 cycles, ex. N = 2 for 20,000 cycles) after 10,000 cycles on those bits.


Similar Part No. - MX25L4005AM2C-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2C-15 MCNIX-MX25L4005M2C-15 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2C-15G MCNIX-MX25L4005M2C-15G Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2I-15 MCNIX-MX25L4005M2I-15 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005M2I-15G MCNIX-MX25L4005M2I-15G Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
More results

Similar Description - MX25L4005AM2C-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25V4006E MCNIX-MX25V4006E Datasheet
1Mb / 50P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L4006E MCNIX-MX25L4006E Datasheet
1Mb / 52P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L4026E MCNIX-MX25L4026E Datasheet
636Kb / 48P
   4M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V4035 MCNIX-MX25V4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25U4035 MCNIX-MX25U4035 Datasheet
2Mb / 54P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25U4035 MCNIX-MX25U4035_14 Datasheet
2Mb / 57P
   4M-BIT [x 1/x 2/x 4] 1.8V CMOS SERIAL FLASH
MX25V8035 MCNIX-MX25V8035_14 Datasheet
2Mb / 55P
   4M-BIT [x 1/x 2/x 4] 2.5V CMOS SERIAL FLASH
MX25L512 MCNIX-MX25L512 Datasheet
1Mb / 39P
   512K-BIT [x 1] CMOS SERIAL FLASH
MX25L12805D MCNIX-MX25L12805D Datasheet
425Kb / 42P
   128M-BIT [x 1] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com