Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3235DM2I-12G Datasheet(PDF) 5 Page - Macronix International

Part # MX25L3235DM2I-12G
Description  32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3235DM2I-12G Datasheet(HTML) 5 Page - Macronix International

  MX25L3235DM2I-12G Datasheet HTML 1Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 2Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 3Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 4Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 5Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 6Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 7Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 8Page - Macronix International MX25L3235DM2I-12G Datasheet HTML 9Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
MX25L3235D
P/N: PM1383
REV. 1.1, OCT. 14, 2008
32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
FEATURES
GENERAL
• Serial Peripheral Interface compatible -- Mode 0 and Mode 3
• 32M:33,554,432 x 1 bit structure or 16,772,216 x 2 bits (two I/O read mode) structure or 8,388,608 x 4 bits (four I/O
read mode) structure
• 1024 Equal Sectors with 4K byte each (32Mb)
- Any Sector can be erased individually
• 64 Equal Blocks with 64K byte each (32Mb)
- Any Block can be erased individually
• Power Supply Operation
- 2.7 to 3.6 volt for read, erase, and program operations
• Latch-up protected to 100mA from -1V to Vcc +1V
• Low Vcc write inhibit is from 1.5V to 2.5V
PERFORMANCE
• High Performance
- Fast read
- 1 I/O: 104MHz with 8 dummy cycles
- 4 I/O: 75MHz with 6 dummy cycles
- 2 I/O: 75MHz with 4 dummy cycles
- Fast access time: 104MHz serial clock (15pF + 1TTL Load) and 66MHz serial clock (30pF + 1TTL Load)
- Serial clock of four I/O read mode : 75MHz (15pF + TTL Load), which is equivalent to 300MHz
- Fast program time: 1.4ms(typ.) and 5ms(max.)/page (256-byte per page)
- Byte program time: 7us (typical)
- Continuously program mode (automatically increase address under word program mode)
- Fast erase time: 60ms (typ.)/sector (4K-byte per sector) ; 0.7s(typ.) /block (64K-byte per block); 25s(typ.) /chip
• Low Power Consumption
- Low active read current: 25mA(max.) at 104MHz, 20mA(max.) at 66MHz and 10mA(max.) at 33MHz
- Low active programming current: 20mA (max.)
- Low active erase current: 20mA (max.)
- Low standby current: 20uA (max.)
• Typical 100,000 erase/program cycles
• 10 years data retention
SOFTWARE FEATURES
• Input Data Format
- 1-byte Command code
• Advanced Security Features
- Block lock protection
The BP0-BP3 status bit defines the size of the area to be software protection against program and erase instructions
- Additional 4K bit secured OTP for unique identifier
• Auto Erase and Auto Program Algorithm
- Automatically erases and verifies data at selected sector
- Automatically programs and verifies data at selected page by an internal algorithm that automatically times the
program pulse widths (Any page to be programed should have page in the erased state first)


Similar Part No. - MX25L3235DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3235E MCNIX-MX25L3235E Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L3235EM2I10G MCNIX-MX25L3235EM2I10G Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L3235EMI10G MCNIX-MX25L3235EMI10G Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
MX25L3235EZNI10G MCNIX-MX25L3235EZNI10G Datasheet
1Mb / 87P
   32M-BIT [x 1/x 2/x 4] CMOS MXSMIO (SERIAL MULTI I/O) FLASH MEMORY
More results

Similar Description - MX25L3235DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3225D MCNIX-MX25L3225D Datasheet
507Kb / 47P
   32M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L3206E MCNIX-MX25L3206E Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3208E MCNIX-MX25L3208E Datasheet
760Kb / 47P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L12805F GENERALPLUS-GPR25L12805F Datasheet
3Mb / 58P
   128M-bit [x 1/x 2/x 4] CMOS Serial Flash
logo
Macronix International
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L25605F GENERALPLUS-GPR25L25605F Datasheet
1Mb / 61P
   256M-bit [x 1/x 2/x 4] CMOS Serial Flash
GPR25L0805E GENERALPLUS-GPR25L0805E Datasheet
1Mb / 41P
   8M-bit [x 1/x 2/x 4] CMOS Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com