Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L2005MC-15G Datasheet(PDF) 10 Page - Macronix International

Part # MX25L2005MC-15G
Description  2M-BIT [x 1] CMOS SERIAL FLASH
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L2005MC-15G Datasheet(HTML) 10 Page - Macronix International

Back Button MX25L2005MC-15G Datasheet HTML 6Page - Macronix International MX25L2005MC-15G Datasheet HTML 7Page - Macronix International MX25L2005MC-15G Datasheet HTML 8Page - Macronix International MX25L2005MC-15G Datasheet HTML 9Page - Macronix International MX25L2005MC-15G Datasheet HTML 10Page - Macronix International MX25L2005MC-15G Datasheet HTML 11Page - Macronix International MX25L2005MC-15G Datasheet HTML 12Page - Macronix International MX25L2005MC-15G Datasheet HTML 13Page - Macronix International MX25L2005MC-15G Datasheet HTML 14Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
P/N: PM1239
REV. 1.7, AUG. 15, 2008
MX25L2005
COMMAND DESCRIPTION
(1) Write Enable (WREN)
The Write Enable (WREN) instruction is for setting Write Enable Latch (WEL) bit. For those instructions like PP, SE, BE,
CE, and WRSR, which are intended to change the device content, should be set every time after the WREN instruction
setting the WEL bit.
The sequence of issuing WREN instruction is: CS# goes low-> sending WREN instruction code-> CS# goes high. (see
Figure 11)
(2) Write Disable (WRDI)
The Write Disable (WRDI) instruction is for resetting Write Enable Latch (WEL) bit.
The sequence of issuing WRDI instruction is: CS# goes low-> sending WRDI instruction code-> CS# goes high. (see Figure
12)
The WEL bit is reset by following situations:
- Power-up
- Write Disable (WRDI) instruction completion
- Write Status Register (WRSR) instruction completion
- Page Program (PP) instruction completion
- Sector Erase (SE) instruction completion
- Block Erase (BE) instruction completion
- Chip Erase (CE) instruction completion
(3) Read Identification (RDID)
The RDID instruction is for reading the manufacturer ID of 1-byte and followed by Device ID of 2-byte. The MXIC
Manufacturer ID is C2(hex), the memory type ID is 20(hex) as the first-byte device ID, and the individual device ID of
second-byte ID is as followings: 12(hex) for MX25L2005.
The sequence of issuing RDID instruction is: CS# goes low-> sending RDID instruction code -> 24-bits ID data out on SO
-> to end RDID operation can use CS# to high at any time during data out. (see Figure. 13)
While Program/Erase operation is in progress, it will not decode the RDID instruction, so there's no effect on the cycle of
program/erase operation which is currently in progress. When CS# goes high, the device is at standby stage.


Similar Part No. - MX25L2005MC-15G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2006EM1I-12G MCNIX-MX25L2006EM1I-12G Datasheet
1Mb / 50P
   DATASHEET
MX25L2006EM1I12G MCNIX-MX25L2006EM1I12G Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2006EZNI-12G MCNIX-MX25L2006EZNI-12G Datasheet
1Mb / 50P
   DATASHEET
MX25L2006EZNI12G MCNIX-MX25L2006EZNI12G Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L2005MC-15G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L2026C MCNIX-MX25L2026C Datasheet
1Mb / 41P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026E MCNIX-MX25L2026E Datasheet
629Kb / 48P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L512 MCNIX-MX25L512 Datasheet
1Mb / 39P
   512K-BIT [x 1] CMOS SERIAL FLASH
MX25L4005A MCNIX-MX25L4005A Datasheet
1Mb / 44P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L12805D MCNIX-MX25L12805D Datasheet
425Kb / 42P
   128M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L1005 MCNIX-MX25L1005 Datasheet
541Kb / 40P
   1M-BIT [x 1] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com