Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSKW2034 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MSKW2034
Description  5W 2:1 Wide Input Range SMD, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MSKW2034 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

  MSKW2034 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MSKW2034 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MSKW2034 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MSKW2034 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MSKW2034 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MSKW2034 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MSKW2034 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MSKW2034 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2.54mm
1.9mm
3.0mm
15.24mm
27.0mm
27.94mm
33.4 [1.31]
2.7 [0.11]
1.50 [0.059]
1
2
3
10 11 12
9
16 15 14 13
24 23 22
Top
Side
15.26 [0.601]
2.54 [0.100]
SEATING
PLANE
0.15
0 ~4
Connecting Pin Patterns
Top View ( 2.54 mm / 0.1 inch grids )
Mechanical Dimensions
NC: No Connection
NC
NC
24
+Vin
+Vin
23
+Vin
+Vin
22
Common
-Vout
16
NC
NC
15
+Vout
+Vout
14
NC
NC
13
UL94V-0
:
Flammability
NC
NC
12
-Vout
NC
11
14g
:
Weight
NC
NC
10
Common
NC
9
Non-Conductive Black Plastic
:
Case Material
-Vin
-Vin
3
-Vin
-Vin
2
1.31*0.81*0.40 inches
Remote On/Off
Remote On/Off
1
33.4*20.6*10.2 mm
:
Case Size
Dual Output
Single Output
Pin
Physical Characteristics
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
MSKW2000 Series
8
MINMAX
REV:5 2008/10


Similar Part No. - MSKW2034

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MSKW2034 MINMAX-MSKW2034 Datasheet
284Kb / 5P
   DC/DC CONVERTER 5W, SMD Package with Industry Standard Pinout
MSKW2034 MINMAX-MSKW2034 Datasheet
427Kb / 5P
   DC/DC CONVERTER 5W, SMD-Package
logo
Total Power Internation...
MSKW2034 TOTAL-POWER-MSKW2034 Datasheet
431Kb / 5P
   SMD Package with Industry Standard Pinout
More results

Similar Description - MSKW2034

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
A500RU MPD-A500RU Datasheet
175Kb / 2P
   Single & Dual Output, 5W Ultra-Wide Input Range DC/DC Converters
LF500RW MPD-LF500RW Datasheet
228Kb / 2P
   Wide Input, 5W SMT Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSIW1000 MINMAX-MSIW1000 Datasheet
231Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSIW2000 MINMAX-MSIW2000 Datasheet
195Kb / 8P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
   2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MPS Industries, Inc.
DDC1000 MPSIND-DDC1000 Datasheet
180Kb / 2P
   3W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A500ERW MPD-A500ERW Datasheet
187Kb / 2P
   Low Cost, Wide Input, 5W Single & Dual Output DC/DC Converters
LF500RU MPD-LF500RU Datasheet
223Kb / 2P
   Very Wide Input, 5W SMT Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com