Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L6405D Datasheet(PDF) 39 Page - Macronix International

Part # MX25L6405D
Description  16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L6405D Datasheet(HTML) 39 Page - Macronix International

Back Button MX25L6405D Datasheet HTML 35Page - Macronix International MX25L6405D Datasheet HTML 36Page - Macronix International MX25L6405D Datasheet HTML 37Page - Macronix International MX25L6405D Datasheet HTML 38Page - Macronix International MX25L6405D Datasheet HTML 39Page - Macronix International MX25L6405D Datasheet HTML 40Page - Macronix International MX25L6405D Datasheet HTML 41Page - Macronix International MX25L6405D Datasheet HTML 42Page - Macronix International MX25L6405D Datasheet HTML 43Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
39
MX25L1605D
MX25L3205D
MX25L6405D
P/N: PM1290
REV. 1.4, OCT. 01, 2008
Figure 19. 2 x I/O Read Mode Sequence (Command BB)
High Impedance
2
1
345678
0
SCLK
SI/SIO0
SO/SIO1
CS#
910 11
18 19 20
BB(hex)
dummy
dummy
address
bit22, bit20, bit18...bit0
data
bit6, bit4, bit2...bit0, bit6, bit4....
data
bit7, bit5, bit3...bit1, bit7, bit5....
address
bit23, bit21, bit19...bit1
21 22 23 24 25 26 27
Figure 20. Page Program (PP) Sequence (Command 02)
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
24-Bit Address
0
765432
0
1
Data Byte 1
39
51
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
Data Byte 256
765432
0
1
MSB
MSB
MSB
MSB
MSB
SCLK
CS#
SI
SCLK
CS#
SI
02
Command


Similar Part No. - MX25L6405D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L6405 MCNIX-MX25L6405 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6405MC-20 MCNIX-MX25L6405MC-20 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6405MC-20G MCNIX-MX25L6405MC-20G Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6405MI-20 MCNIX-MX25L6405MI-20 Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L6405MI-20G MCNIX-MX25L6405MI-20G Datasheet
768Kb / 46P
   64M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L6405D

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1608E MCNIX-MX25L1608E Datasheet
598Kb / 46P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com