Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW2336 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIW2336
Description  2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW2336 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW2336 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW2336 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW2336 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW2336 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW2336 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIW2336 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIW2336 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIW2336 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Industry Standard Pinout
Internal SMD Construction
UL 94V-0 Package Material
Temperature Performance -40] to +71]
Complies with EN55022 Class A
CSA60950-1 Safety Approval
Low Cost
4:1 Wide Input Range
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 84%
Key Features
2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
Minmax's MIW2300-Series power modules operate over input voltage ranges of 9-36VDC and 18-75VDC which provide precisely
regulated output voltages of 3.3V, 5V, 12V, 15V, {12V and {15VDC.
The -40] to +71] operating temperature range makes it ideal for data communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer
peripheral systems and industrial robot systems.
The modules have a maximum power rating of 3W and a typical full-load efficiency of 84%, continuous short circuit, 40mA output ripple,
EN55022 Class A conducted noise compliance minimize design-in time, cost and eliminate the need for external filtering.
Wide Range
4:1
Low Cost
$
I/O Isolation
1500
VDC
EN55022
EMI
EN55022 Class A
Conducted EMI
Free-Air Convection
Cooling
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
%
95
---
Humidity
mW
2,500
---
Internal Power Dissipation
]
+125
-40
Storage Temperature
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+90
-40
Case
Operating Temperature
VDC
100
-0.7
48VDC Input Models
]
+71
-40
Ambient
Operating Temperature
VDC
50
-0.7
24VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MIW2300 Series
REV:5 2008/10/02
MINMAX
1


Similar Part No. - MIW2336

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW2336 MINMAX-MIW2336 Datasheet
281Kb / 4P
   DC/DC CONVERTER 3W, DIP-24 Metal Package
logo
Total Power Internation...
MIW2336 TOTAL-POWER-MIW2336 Datasheet
402Kb / 4P
   DIP-24 Metal Package 31.8 x 20.3 x 10.2 mm (1.25 x 0.8 x 0.4 inches)
More results

Similar Description - MIW2336

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW1000 MINMAX-MIHW1000 Datasheet
181Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RU MPD-A300RU Datasheet
187Kb / 2P
   Single & Dual Output, 3W Ultra-Wide Input Range DC/DC Converters
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com