Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPW2031 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MPW2031
Description  25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MPW2031 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MPW2031 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MPW2031 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MPW2031 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MPW2031 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MPW2031 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MPW2031 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Soft Start
Low Profile: 0.37” (9.3mm)
Output Trim
Over Temperature Protection
Over Voltage Protection
Remote On/Off Control
Six-Sided Shielding
Complies with EN55022 Class A
MTBF > 1,000,000 Hours
1500VDC Isolation
Efficiency up to 89%
Key Features
25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
Minmax's MPW2000-Series power modules are low-profile dc-dc converters that operate over input voltage ranges of 10-40VDC and
18-75VDC which provide precisely regulated output voltages of 3.3V, 5V, 12V, 15V, {12V and {15VDC, specially addressing data communication
equipments, mobile battery driven equipments, distributed power systems, telecommunication equipments, mixed analog/digital subsystems,
process/machine control equipments, computer peripheral systems and industrial robot systems.
Packing up to 30W of power into a 2x1.6x0.37inch package, with efficiencies as high as 89%, the MPW2000 includes continuous short circuit
protection, overvoltage protection, over temperature protection, output trim function, remote on/off, six-sided shielded case and EN55022 Class A
conducted noise compliance minimize design-in time, cost and eliminate the need for external filtering.
Remote on/off
Low Profile
EN55022
EMI
I/O Isolation
1500
VDC
Wide Range
4:1
More Power
High
Power
Density
Protection
OTP
Protection
OVP
EN55022 Class A
Conducted EMI
Six-Sided Shielded, Metal Case
RFI
Free-Air Convection
Cooling
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
%
95
---
Humidity
mW
5,500
---
Internal Power Dissipation
]
+125
-50
Storage Temperature
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+105
-40
Case
Operating Temperature
VDC
100
-0.7
48VDC Input Models
]
+50
-40
Ambient
Operating Temperature
VDC
50
-0.7
24VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MPW2000 Series
REV:1 2009/01/22
MINMAX
1


Similar Part No. - MPW2031

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW2031 MINMAX-MPW2031 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Total Power Internation...
MPW2031 TOTAL-POWER-MPW2031 Datasheet
435Kb / 8P
   Efficiency up to 89%
More results

Similar Description - MPW2031

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000 Datasheet
242Kb / 8P
   25-30W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
UQQ-12 MURATA-UQQ-12 Datasheet
559Kb / 18P
   Wide Input Range Single Output DC-DC Converters
UQQ7-15A MURATA-UQQ7-15A Datasheet
437Kb / 17P
   Wide Input Range Single Output DC/DC Converters
logo
Total Power Internation...
MKW3000 TOTAL-POWER-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW2500 MINMAX-MKW2500 Datasheet
240Kb / 8P
   15W, Wide Input Range, Single & Dual Output DC/DC Converters
MPW2100 MINMAX-MPW2100 Datasheet
179Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3000 MINMAX-MKW3000 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com