Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIHW1018 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MIHW1018
Description  3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIHW1018 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

  MIHW1018 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIHW1018 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIHW1018 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIHW1018 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIHW1018 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIHW1018 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIHW1018 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIHW1018 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
UL94V-0
:
Flammability
16.2g
:
Weight
Non-Conductive Black Plastic
:
Case Material
1.25*0.8*0.42 inches
31.8*20.3*10.7 mm
:
Case Size
31.8[1.25]
0.6[0.024]
2.54[0.100]
2.0[0.08]
1
24
13
Bottom
Side
23
15
11 12
Physical Characteristics
Mechanical Dimensions
-Vin
-Vin
24
-Vin
-Vin
23
+Vout
No Pin
15
-Vout
+Vout
13
No Pin
-Vout
12
Common
No Pin
11
+Vin
+Vin
1
Dual Output
Single Output
Pin
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
MIHW1000 Series
8
MINMAX
REV:0 2009/02/04


Similar Part No. - MIHW1018

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW1018 MINMAX-MIHW1018 Datasheet
263Kb / 4P
   DC/DC CONVERTER 3W, Reinforced Insulation, Medical Safety
logo
Total Power Internation...
MIHW1018 TOTAL-POWER-MIHW1018 Datasheet
405Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
More results

Similar Description - MIHW1018

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW1100 MINMAX-MIW1100 Datasheet
240Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1500 MINMAX-MIW1500 Datasheet
221Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW2100 TOTAL-POWER-MIW2100 Datasheet
222Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2100 MINMAX-MIW2100 Datasheet
218Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1200 MINMAX-MIW1200 Datasheet
235Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1000 MINMAX-MIW1000 Datasheet
238Kb / 8P
   2-3W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIHW2000 MINMAX-MIHW2000 Datasheet
180Kb / 8P
   3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A300RW MPD-A300RW Datasheet
166Kb / 2P
   Wide Input Range, 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW2300 MINMAX-MIW2300 Datasheet
182Kb / 8P
   2-3W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW1300 MINMAX-MIW1300 Datasheet
234Kb / 8P
   3W, Wide Input Range DIP, Single & Dual Output DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com