Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDHU129 Datasheet(PDF) 7 Page - Minmax Technology Co., Ltd.

Part # MDHU129
Description  2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MDHU129 Datasheet(HTML) 7 Page - Minmax Technology Co., Ltd.

  MDHU129 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MDHU129 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MDHU129 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MDHU129 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MDHU129 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MDHU129 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MDHU129 Datasheet HTML 7Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
UL94V-0
:
Flammability
5.1g
:
Weight
Non-Conductive Black Plastic
:
Case Material
0.94*0.54*0.34 inches
23.8*13.7*8.62 mm
:
Case Size
23.8[0.94]
0.5[0.02]
2.54[0.1]
1
7
8
9
10
16
Bottom
Side
Physical Characteristics
Mechanical Dimensions
NC: No Connection
+Vin
+Vin
16
-Vout
-Vout
10
+Vout
+Vout
9
Common
NC
8
NC
NC
7
-Vin
-Vin
1
Dual Output
Single Output
Pin
Pin Connections
{0.002
{0.05
Pin
X.XXX{0.005
X.XX{0.13
X.XX{0.01
X.X{0.25
Inches
Millimeters
Tolerance
MDHU100 Series
REV:5 2009/01/16
MINMAX
7


Similar Part No. - MDHU129

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MDHU129 MINMAX-MDHU129 Datasheet
265Kb / 4P
   DC/DC CONVERTER 2W, Reinforced Inslation, Medical Safety
logo
Total Power Internation...
MDHU129 TOTAL-POWER-MDHU129 Datasheet
410Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
More results

Similar Description - MDHU129

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
   1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
   High Isolation, 2W SIP Single & Dual Output DC/DC Converters
A200RI MPD-A200RI Datasheet
80Kb / 2P
   High Isolation, 2W & 3W Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIHW3000 MINMAX-MIHW3000 Datasheet
173Kb / 8P
   5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
S200R MINMAX-S200R Datasheet
233Kb / 6P
   2W, Low Cost DIP, Single & Dual Output DC/DC Converters
S2D00R MINMAX-S2D00R Datasheet
224Kb / 6P
   2-3W, High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
A100HI MPD-A100HI Datasheet
202Kb / 2P
   Ultra-High Isolation, 1.5W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPB TOPPOWER-TPB_19 Datasheet
667Kb / 2P
   2W 3KVDC Isolation Regulated Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com