Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIHW3023 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIHW3023
Description  5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIHW3023 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIHW3023 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIHW3023 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIHW3023 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIHW3023 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIHW3023 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MIHW3023 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MIHW3023 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MIHW3023 Datasheet HTML 8Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UL60950-1 Safety Approval
MTBF > 700,000 Hours
Temperature Performance -40] to +55]
All I/O Clearance and Creepage Distance 2.0 mm Min.
Low Isolation Capacitance
Low Leakage Current
with external coupling capacitor Cio=1 nF < Class B
Complies With EN55022 Class A
5600VDC Isolation
2:1 Wide Input Range
Efficiency up to 80%
Key Features
5-6W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
Minmax's MIHW3000-Series power modules are specially designed to provide ultra-high levels of isolation 5600VDC in a 24-pin DIP package.
Operating input voltage ranges of 9-18VDC, 18-36VDC and 36-75VDC which provide precisely regulated output voltages of 5V, 12V, {12V and
{15VDC.
The -40] to +55] operating temperature range makes it ideal for data communication equipments, mobile battery driven equipments,
distributed power systems, telecommunication equipments, mixed analog/digital subsystems, process/machine control equipments, computer
peripheral systems and industrial robot systems.
The modules have a maximum power rating of 6W and a typical full-load efficiency of 80%, continuous short circuit, EN55022 Class A conducted
noise compliance minimize design-in time, cost and eliminate the need for external filtering. Conducted and radiated emissions < A with external
coupling capacitor Cio=1 nF < B.
I/O Isolation
5600
VDC
EN55022
EMI
Wide Range
2:1
EN55022 Class A
Conducted EMI
Exceeding the absolute maximum ratings of the unit could cause damage.
These are not continuous operating ratings.
Free-Air Convection
Cooling
mW
2,500
---
Internal Power Dissipation
%
95
---
Humidity
]
260
---
Lead Temperature (1.5mm from case for 10 Sec.)
]
+125
-40
Storage Temperature
VDC
100
-0.7
48VDC Input Models
]
+95
-40
Case
Operating Temperature
VDC
50
-0.7
24VDC Input Models
]
+55
-40
Ambient
Operating Temperature
VDC
25
-0.7
12VDC Input Models
Input Surge Voltage
( 1000 mS )
Unit
Max.
Min.
Conditions
Parameter
Unit
Max.
Min.
Parameter
Environmental Specifications
Absolute Maximum Ratings
MIHW3000 Series
REV:5 2009/02/02
MINMAX
1


Similar Part No. - MIHW3023

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIHW3023 MINMAX-MIHW3023 Datasheet
654Kb / 4P
   DC/DC CONVERTER 6W, Reinforced Insulation, Medical Safety
logo
Total Power Internation...
MIHW3023 TOTAL-POWER-MIHW3023 Datasheet
756Kb / 4P
   Reinforced Insulation rated for 300VAC Working Voltage
More results

Similar Description - MIHW3023

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW4000 MINMAX-MIW4000 Datasheet
224Kb / 8P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Total Power Internation...
MIW4100 TOTAL-POWER-MIW4100 Datasheet
208Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW4100 MINMAX-MIW4100 Datasheet
221Kb / 7P
   5-6W, Ultra-Wide Input Range DIP, Single & Dual Output DC/DC Converters
S2E00 MINMAX-S2E00 Datasheet
237Kb / 6P
   1.5W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MIR500 MINMAX-MIR500 Datasheet
236Kb / 6P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
MDHU100 MINMAX-MDHU100 Datasheet
172Kb / 7P
   2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI600ARWI8 MPD-MHI600ARWI8 Datasheet
545Kb / 2P
   Wide Input, 6W DIP Ultra-High Isolation DC/DC Converters
logo
Total Power Internation...
MIW3000 TOTAL-POWER-MIW3000 Datasheet
245Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MIW3000 MINMAX-MIW3000 Datasheet
246Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MIW3100 MINMAX-MIW3100 Datasheet
213Kb / 8P
   5-6W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com