Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-41002 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-41002
Description  Miniature Encapsulated Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-41002 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-41002 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
22
MINI-L - 10/98
High Inductance / Low Bias
Low Inductance / High Bias
Miniature
Encapsulated
Inductors
DUAL AUDIO INDUCTORS
3000 V
RMS Isolation between inductors
Part
L (1)
Q
DCR
DCI
Number
( H )
( Ω )
( mA )
L-41000
6.0
2.0
522
.912
L-41001
3.5
1.9
267
1.18
L-41002
1.25
1.8
180
2.00
L-41003
0.3
1.7
40
4.23
L-41004
0.1
1.7
15
7.00
Part
L (1)
Q
DCR
DCI
Number
( mH )
( Ω )
( mA )
L-41050
600
5.2
447
29
L-41051
400
5.1
300
41
L-41052
150
5.1
117
60
L-41053
35
5.0
26.0
125
L-41054
0.8
5.0
0.65
840
Part
L (1)
DCR
DCI
Number
( mH )
( Ω )
( A )
L-41101
1
0.74
1.0
L-41102
5
1.95
.580
L-41103
10
4.45
.420
L-41104
20
11.3
.250
L-41105
50
27.0
.165
.025
(0.64)
TYP.
.148
(3.75)
TYP.
.492
(12.50)
.475
(12.07)
MAX.
.650
(16.51)
.650
(16.51)
64
3
1
2
5
Bottom
View
Dimensions
in inches (mm)
See data sheets
for additional
information
Schematic
1
3
Encapsulated
Multi-Purpose
High Inductance / Low Bias
Low Inductance / High Bias
Other Values Available
L-4
100
0
980
1
60 2 PL.
o
.312 (7.925)
DIA. PIN CIRCLE
1
3
4
2
.435
(11.05)
MAX.
.410
(10.41)
MAX.
.310 (7.87)
.026 DIA.
(0.66)
TYP.
.435
(11.05)
MAX.
.250 (6.35)
Dimensions
in inches (mm)
1. Tested at 10KHz and 100 mV
RMS
1. Tested at 10KHz and 100 mV
RMS
1. Tested at 10KHz and 100 mV
RMS
Schematic
1
2
4
3


Similar Part No. - L-41002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-414 RHOMBUS-IND-L-414 Datasheet
21Kb / 1P
   Dual Inductor
More results

Similar Description - L-41002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-391 RHOMBUS-IND-L-391 Datasheet
22Kb / 1P
   Miniature Encapsulated Inductor
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
Bi technologies
HM15 BITECH-HM15 Datasheet
318Kb / 1P
   Encapsulated Low Power Inductors
logo
List of Unclassifed Man...
HM15 ETC-HM15 Datasheet
56Kb / 3P
   Encapsulated Low Power Inductors
logo
Bi technologies
HM15 BITECH-HM15_15 Datasheet
493Kb / 1P
   Encapsulated Low Power Inductors
logo
TT Electronics.
HM15 TTELEC-HM15 Datasheet
705Kb / 1P
   Encapsulated Low Power Inductors
logo
Vishay Siliconix
232262623102 VISHAY-232262623102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
232263303102 VISHAY-232263303102 Datasheet
61Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232262613102 VISHAY-232262613102 Datasheet
68Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 10-Oct-03
232263323102 VISHAY-232263323102 Datasheet
66Kb / 2P
   NTC Thermistors, Glass Encapsulated Miniature Bead
Revision: 08-May-03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com