Part Name
         Description
MDHU100

 2W, Ultra-High Isolation DIP, Single & Dual Output DC/DC Converters ( 7 Page)


MINMAX
100% 
Zoom Out Zoom In
   
 4 page
background image
Derating Curve
~
]
Ambient Temperature
0
20
40
60
80
100
-25
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Efficiency vs Output Load ( Dual Output )
Efficiency vs Output Load ( Single Output )
20
30
40
50
60
70
80
90
Load Current(%)
10
20
60
40
80
100
20
30
40
50
60
70
80
90
Load Current(%)
10
20
60
40
80
100
Efficiency vs Input Voltage ( Dual Output )
Efficiency vs Input Voltage ( Single Output )
50
60
70
80
90
Nom
Low
High
Input Voltage (V)
50
60
70
80
90
Nom
Low
High
Input Voltage (V)
MDHU100 Series
4
MINMAX
REV:5 2009/01/16



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LANKH3000VDC I/O Isolation Single and Dual Output 3 Watt DC/DC Converter 24 Pin DIP & SMT Package 2:1 Wide Input Voltage Range 1 2 3 Wall Industries,Inc.
LANE6KVSingle and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation 1 2 3 4 5 MoreWall Industries,Inc.
LANEH23KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter 1 2 3 Wall Industries,Inc.
LANHSIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter 1 2 3 4 Wall Industries,Inc.
LANCW5Single and Dual Output 5 Watt DC/DC Converter 2:1 and 4:1 Wide Input Voltage 1 2 3 Wall Industries,Inc.
LANCW8Single and Dual Output 8 Watt DC/DC Converter 2:1 Wide Input Voltage Range 1 2 3 Wall Industries,Inc.
LANECSingle Output to 1 Watt dc/dc converters 1 2 Wall Industries,Inc.
LANCW12Single and Dual Output 12 Watt DC/DC Converter 2:1 Ultra Wide Input Voltage 1 2 3 Wall Industries,Inc.
NPH15S_05Isolated 15W Single Output DC/DC Converters 1 2 3 4 5 MoreC&D Technologies
LANEUp to 2 Watts DC/DC Converter Single and Dual Output 1 2 3 4 Wall Industries,Inc.

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl