Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-30002 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-30002
Description  Low Cost Multi-Purpose Audio Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-30002 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-30002 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
11
LC-AUDIO - 11/98
Low Cost Multi-Purpose
Audio Transformers
Dimensions in Inches (mm)
Unused Pins Omitted
as Per Schematic
1
3
6
4
Schematic
"A"
1
3
6
5
4
Schematic
"B"
1
2
3
6
5
4
Schematic
"C"
.187
(4.75)
TYP.
.785
(19.94)
.725
(18.42)
.420
(10.67)
.016
(0.41)
.620
(15.75)
.187
(4.75)
TYP.
.042
(1.07)
TYP.
12
3
65
4
Bottom View
PRI
SEC.
PRI
SEC.
PRI
SEC.
Electrical Specifications at 25OC
UNBAL.
Insertion (1)
Frequency
Return (2)
Pri.
Sec.
Part
Impedance
DC
Loss
Response
Loss
DCR max.
DCR max.
Schem.
Number
(Ohms)
(mA)
(dB)
(dB)
(dB)
(
Ω)(Ω)Style
T-30000
600 / 600
0.0
1.25
0.5
26
30
40
A
T-30001
600 / 600CT
0.0
1.25
0.5
26
30
40
B
T-30007
600CT / 600CT
0.0
1.25
0.5
26
30
40
C
T-30002
600 / 900
0.0
1.25
0.5
26
30
73
A
T-30003
900 / 900
0.0
1.25
0.5
26
40
53
A
T-30004
600 / 600
80
2.0
3.0
9.0
65
85
A
T-30005
600 / 600CT
80
2.0
3.0
9.0
65
85
B
T-30050
600 / 600
0.0
0.4
0.25
26
13
16
A
T-30051
600 / 600CT
0.0
0.4
0.25
26
13
16
B
T-30057
600CT / 600CT
0.0
0.4
0.25
26
13
16
C
T-30052
600 / 900
0.0
0.5
0.25
26
13
23
A
T-30053
900 / 900
0.0
0.5
0.25
26
19
23
A
T-30054
600 / 600
80
2.0
3.0
9.0
57
75
A
T-30055
600 / 600CT
80
2.0
3.0
9.0
57
75
B
Isolation is 1500 V
RMS minimum
Longitudinal Balance is 60dB minimum
Frequency range: 300Hz to 3400Hz
Designed to meet FCC part 68
Custom Designs Available
Impedance matching transformers for
telecommunications.
Ideal for a variety of voice and data
interconnect networks
1. Insertion Loss measured at 1 kHz.
2. Return Loss measured at 300 Hz.


Similar Part No. - T-30002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-30006 RHOMBUS-IND-T-30006 Datasheet
24Kb / 1P
   Audio Matching Transformer
More results

Similar Description - T-30002

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-35200 RHOMBUS-IND-T-35200 Datasheet
33Kb / 1P
   Miniature Multi-Purpose Audio Transformers
T-30800 RHOMBUS-IND-T-30800 Datasheet
39Kb / 1P
   Encapsulated Multi-Purpose Audio Transformers
T-30700 RHOMBUS-IND-T-30700 Datasheet
42Kb / 1P
   High Isolation Multi-Purpose Audio Transformers
T-51100 RHOMBUS-IND-T-51100 Datasheet
30Kb / 1P
   Multi Purpose Transformers
T-50100 RHOMBUS-IND-T-50100 Datasheet
36Kb / 1P
   Multi-Purpose Single Transformers
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
   AUDIO Transformers Digital Audio Transformers
logo
Rhombus Industries Inc.
T-30600 RHOMBUS-IND-T-30600 Datasheet
39Kb / 1P
   Multi-Purpose Voice & Data Coupling Transformers
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556 Datasheet
324Kb / 19P
   Low-Cost Stereo Audio DACs
Rev 0; 5/06
logo
Rhombus Industries Inc.
T-20200 RHOMBUS-IND-T-20200 Datasheet
36Kb / 2P
   Multi-Purpose Transformers with optional Electrostatic Sheilding
logo
Maxim Integrated Produc...
MAX5556 MAXIM-MAX5556_11 Datasheet
644Kb / 17P
   Low-Cost Stereo Audio DAC
Rev 1; 2/11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com