Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9D125G80BG4M8 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # L9D125G80BG4M8
Description  2.5 Gb, DDR - SDRAM Integrated Module
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L9D125G80BG4M8 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

Back Button L9D125G80BG4M8 Datasheet HTML 5Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 6Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 7Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 8Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 9Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 10Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 11Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 12Page - LOGIC Devices Incorporated L9D125G80BG4M8 Datasheet HTML 13Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 2, 2009 LDS-L9D125G80BG4-C
9
2.5 Gb, DDR - SDRAM Integrated Module (IMOD)
PreLIMINArY INforMAtIoN
L9D125G80BG4
High Performance, Integrated Memory Module Product
REGISTER DEFINITION
Figure 1 - moDe register DeFinition
Burst Type
Sequential
Interleaved
CAS Latency
Reserved
Reserved
2
Reserved
Reserved
2.5
Reserved
Burst length
CAS Latency BT
0
A9
A7 A6 A5 A4 A3
0
A
1
A
2
A
8
A
Mode register
(Mx)
Address bus
9
7
6
5
4
3
8
2
1
0
M3
0
1
M4
0
1
0
1
0
1
0
1
M5
0
0
1
1
0
0
1
1
M6
0
0
0
0
1
1
1
1
Operating mode
. . .
An
BA0
BA1
. . .
n1
0
Operating Mode
Normal operation
Normal operation/reset DLL
All other states reserved
M8
0
1
M9
0
0
. . .
0
0
Mn
0
0
M7
0
0
M6–M0
Valid
Valid
Burst Length
Reserved
2
4
8
Reserved
Reserved
Reserved
Reserved
M0
0
1
0
1
0
1
0
1
M1
0
0
1
1
0
0
1
1
M2
0
0
0
0
1
1
1
1
0
1
0
1
Mode Register Definition
Base mode register
Extended mode register
Reserved
Reserved
Mn + 2
0
0
1
1
Note: 1. n is the most significant row address bit
Mn + 1
n + 2
n + 1
3


Similar Part No. - L9D125G80BG4M8

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D112G80BG4 LODEV-L9D112G80BG4 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E10 LODEV-L9D112G80BG4E10 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E6 LODEV-L9D112G80BG4E6 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E75 LODEV-L9D112G80BG4E75 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
L9D112G80BG4E8 LODEV-L9D112G80BG4E8 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
More results

Similar Description - L9D125G80BG4M8

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L9D112G80BG4 LODEV-L9D112G80BG4 Datasheet
5Mb / 45P
   1.2 Gb, DDR - SDRAM Integrated Module
logo
Samsung semiconductor
M312L2920BG0 SAMSUNG-M312L2920BG0 Datasheet
274Kb / 18P
   DDR SDRAM Registered Module
M368L6423ETM SAMSUNG-M368L6423ETM Datasheet
288Kb / 19P
   DDR SDRAM Unbuffered Module
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
DS_M368L3223DTL SAMSUNG-DS_M368L3223DTL Datasheet
82Kb / 12P
   256MB DDR SDRAM MODULE
M470L3224DT0 SAMSUNG-M470L3224DT0 Datasheet
153Kb / 12P
   256MB DDR SDRAM MODULE
M312L2920BT SAMSUNG-M312L2920BT Datasheet
258Kb / 23P
   DDR SDRAM Registered Module
M470L3223DT0 SAMSUNG-M470L3223DT0 Datasheet
171Kb / 16P
   256MB DDR SDRAM MODULE
M368L5623MTN SAMSUNG-M368L5623MTN Datasheet
250Kb / 17P
   DDR SDRAM Unbuffered Module
M368L6523CUS SAMSUNG-M368L6523CUS Datasheet
443Kb / 25P
   DDR SDRAM Unbuffered Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com