Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAS40-06LT3G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBAS40-06LT3G
Description  SCHOTTKY BARRIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAS40-06LT3G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBAS40-06LT3G Datasheet HTML 1Page - Leshan Radio Company LBAS40-06LT3G Datasheet HTML 2Page - Leshan Radio Company LBAS40-06LT3G Datasheet HTML 3Page - Leshan Radio Company LBAS40-06LT3G Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (TA = 25
°C)
Parameter
Symbol
Min.
Max.
Unit
Conditions
Continuous reverse voltage
VR
-
40
V
Continuous forward current
IF
-
120
mA
Repetitive Peak forward surge current
IFSM
-
120
mA
tp<1s;
δ<0.5
Non-repetitive peak forward current
IFSM
-
200
mA
tp<10ms
Storage temperature
Tstg
-65
+150
°C
Junction temperature
Tj
-
150
°C
Operating ambient temperature
Tamb
-65
+150
°C
DEVICE MARKING
LBAS40LT1G=B1 LBAS40-04LT1G=CB LBAS40-05LT1G=45 LBAS40-06LT1G=L2
ELECTRICAL CHARACTERISTICS(TA= 25
°C)
Parameter
Symbol
Max.
Unit
Conditions
Forward voltage(Fig.1)
V
F
400
mV
I
F=1mA
560
mv
I
F=10mA
1v
I
F=40mA
Reverse current(Fig.2 ;note1)
I
R
1
µΑ
V
R=30V
10
µAV
R=40V
Diode capacitance(Fig.4)
C
d
5
pF
f=1MHz;V
R=0
Note:
1. Pulse test:t
p=300µs;δ=0.02.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
VALUE
UNIT
CONDITIONS
Thermal resistance from junction to ambient
R
th j-a
500
k/w
note1
Note
1. Refer to SOT23 or SOT143B standard mounting conditions.
LESHAN RADIO COMPANY, LTD.
2/4
LBAS40XLT1G


Similar Part No. - LBAS40-06LT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAS40-06LT3G LRC-LBAS40-06LT3G Datasheet
99Kb / 4P
   SCHOTTKY BARRIER DIODE Low forward current
logo
Shanghai Leiditech Elec...
LBAS40-06LT3G LEIDITECH-LBAS40-06LT3G Datasheet
367Kb / 4P
   Schottky BARRIER DIODE
LBAS40-06LT3G LEIDITECH-LBAS40-06LT3G Datasheet
461Kb / 4P
   SCHOTTKY BARRIER DIODE
More results

Similar Description - LBAS40-06LT3G

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com