Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2092 Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ2092
Description  Gas Gauge IC with SMBus-Like Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2092 Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ2092 Datasheet HTML 14Page - Texas Instruments BQ2092 Datasheet HTML 15Page - Texas Instruments BQ2092 Datasheet HTML 16Page - Texas Instruments BQ2092 Datasheet HTML 17Page - Texas Instruments BQ2092 Datasheet HTML 18Page - Texas Instruments BQ2092 Datasheet HTML 19Page - Texas Instruments BQ2092 Datasheet HTML 20Page - Texas Instruments BQ2092 Datasheet HTML 21Page - Texas Instruments BQ2092 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
18
Error
Code
Access
Description
OK
0x0000
read/write bq2092 processed the function code without detecting any errors
Busy
0x0001
read/write bq2092 is unable to process the function code at this time
NotReady
0x0002
read/write
bq2092 cannot read or write the data at this time—try again
later
UnsupportedCommand
0x0003
read/write bq2092 does not support the requested function code
AccessDenied
0x0004
write
bq2092 detected an attempt to write to a read-only function code
Overflow/Underflow
0x0005
read/write bq2092 detected a data overflow or underflow
BadSize
0x0006
write
bq2092 detected an attempt to write to a function code with an
incorrect size data block
UnknownError
0x0007
read/write bq2092 detected an unidentifiable error
Note:
Reading the bq2092 after an error clears the error code.
Table 7. Error Codes (BatteryStatus() (0x16))
bq2092


Similar Part No. - BQ2092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2092 TI1-BQ2092 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092SN TI1-BQ2092SN Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092SN-A309 TI1-BQ2092SN-A309 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092SN-A309TR TI1-BQ2092SN-A309TR Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
More results

Similar Description - BQ2092

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2092 TI1-BQ2092_15 Datasheet
678Kb / 30P
[Old version datasheet]   Gas Gauge IC with SMBus-Like Interface
BQ2040 TI-BQ2040 Datasheet
201Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2040 TI-BQ2040 Datasheet
189Kb / 33P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
BQ2945 TI-BQ2945 Datasheet
256Kb / 32P
[Old version datasheet]   Gas Gauge IC with SMBus Interface
BQ2040 TI1-BQ2040_15 Datasheet
992Kb / 36P
[Old version datasheet]   Gas Gauge IC With SMBus Interface
logo
Linear Technology
LTC2941 LINER-LTC2941_15 Datasheet
209Kb / 16P
   Battery Gas Gauge with IC Interface
logo
Texas Instruments
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
Linear Technology
LTC2941 LINER-LTC2941 Datasheet
166Kb / 16P
   Battery Gas Gauge with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com