Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF-07S12 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # ADF-07S12
Description  7 Watts Universal Input Range AC/DC Power Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ADF-07S12 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  ADF-07S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ADF-07S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ADF-07S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. ADF-07S12 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
78
680
10
130
29
291
24
ADF-07S24
78
1000
10
130
47
466
15
ADF-07S15
78
1000
10
130
58
583
12
ADF-07S12
73
2200
10
139
140
1400
5
ADF-07S05
70
2200
10
96
140
1400
3.3
ADF-07S03
% (Typ.)
uF
mA (Typ.)
mA (Typ.)
mA
mA
VDC
@Max. Load
Max.
@No Load
@Max. Load
Min.
Max.
115VAC, 60Hz
Efficiency
Capacitive Load
Input Current
Output Current
Output Voltage
Model Number
Model Selection Guide
B
C
C
30% 10ms
60% 100ms
95% 5000ms
EN61000-4-11
B
0.15~80MHz 10Vrms
(functional earth ports
included)
80% AM 1kHz
modulation
EN61000-4-6
B
1.2/50uS(8/20uS)
AC dif. {1KV
DC {0.5KV
EN61000-4-5
B
AC port {2KV
DC, SL, TL {2KV
not less than 1 min.
EN61000-4-4
A
80~1000MHz 10V/m
80% AM1KHz
modulation
EN61000-4-3
B
Air {8KV
Cont. {4KV
EN61000-4-2
Performance
Criteria
specification
requirement
Standard
Conducted EMC
EN55022 Class B
Conducted EMI
Free-Air Convection
Cooling
%
95
---
Humidity
]
85
-40
Storage Temperature
]
71
-25
Ambient
Operating Temperature
Unit
Max.
Min.
Conditions
Parameter
Note :
1. Specifications typical at Ta=+25], resistive
load, 115VAC, 60Hz input voltage, rated output
current unless otherwise noted.
2. Ripple & Noise measurement bandwidth is 0-20
MHz.
3. These power modules require a minimum output
loading to maintain specified regulation.
4. Operation under no-load conditions will not
damage these devices; however they may not
meet all listed specifications.
5. All AC/DC modules should be externally fused at
the front end for protection.
6. Other input and output voltage may be available,
please contact factory.
7. Specifications subject to change without notice.
Environmental Specifications
K Hours
---
---
330
MIL-HDBK-217F @ 25], Ground Benign
MTBF
ms
---
15
---
115VAC, 60Hz
Hold-up Time
KHz
---
100
---
Switching Frequency
M[
---
---
100
500VDC
Isolation Resistance
VDC
---
---
4700
Input to output, Flash Tested for 1 Second
Isolation Test Voltage
VAC
---
---
3000
Input to Output, 60 Seconds
Isolation Voltage
Unit
Max.
Typ.
Min.
Conditions
Parameter
General Specifications
ADF-07 Series
2
MINMAX
REV:10 2008/07


Similar Part No. - ADF-07S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ADF-07S12 MINMAX-ADF-07S12 Datasheet
249Kb / 3P
   AC/DC Power Module 7W Ultra -compact Dimensions
ADF-07S12 MINMAX-ADF-07S12 Datasheet
314Kb / 3P
   AC/DC Power Module 7W
More results

Similar Description - ADF-07S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AQF-30 MINMAX-AQF-30 Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AZF-60 MINMAX-AZF-60 Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AQF-30C MINMAX-AQF-30C Datasheet
219Kb / 7P
   30 Watts Universal Input Range AC/DC Power Modules
AHF-10 MINMAX-AHF-10 Datasheet
177Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AKF-15 MINMAX-AKF-15 Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
AGF-10 MINMAX-AGF-10 Datasheet
168Kb / 4P
   10 Watts Universal Input Range AC/DC Power Modules
AZF-60C MINMAX-AZF-60C Datasheet
192Kb / 5P
   60 Watts Universal Input Range AC/DC Power Modules
AKF-15C MINMAX-AKF-15C Datasheet
209Kb / 6P
   15 Watts Universal Input Range AC/DC Power Modules
logo
HITRON ELECTRONICS CORP...
HAM15S HITRON-HAM15S Datasheet
284Kb / 2P
   PCB-MOUNT UNIVERSAL INPUT AC-DC POWER SUPPLIES ENCAPSULATED MODULES 15-WATTS SINGLE OUTPUT
logo
ETA-USA
DTC70-XSX-W ETA-USA-DTC70-XSX-W Datasheet
234Kb / 2P
   AC/DC SWITCHING DESKTOP ADAPTOR POWER SUPPLY SINGLE OUTPUT / UNIVERSAL RANGE INPUT 70 WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com