Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-11226 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-11226
Description  High Q Bobbins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-11226 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-11226 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
Specifications are subject to change without notice
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
HIGH Q - 12/00
30
High Q Bobbins
L
DCR
I
Part
Nom.
Test
Q
max.
max.
Number
(µH)
Freq.
min.
(
Ω )(Amps)
L-11200
1.0
7.9MHz
37
0.010
2.25
L-11201
1.2
7.9MHz
39
0.012
1.78
L-11202
1.5
7.9MHz
33
0.014
1.42
L-11203
1.8
7.9MHz
37
0.020
1.12
L-11204
2.2
7.9MHz
38
0.025
0.88
L-11205
2.7
7.9MHz
43
0.028
0.88
L-11206
3.3
7.9MHz
35
0.036
0.70
L-11207
3.9
7.9MHz
37
0.050
0.55
L-11208
4.7
7.9MHz
37
0.053
0.55
L-11209
5.6
7.9MHz
35
0.092
0.35
L-11210
6.8
7.9MHz
29
0.113
0.35
L-11211
8.2
7.9MHz
32
0.116
0.35
L-11212
10
7.9MHz
31
0.120
0.35
L-11213
12
2.5MHz
55
0.140
0.35
L-11214
15
2.5MHz
51
0.158
0.35
L-11215
18
2.5MHz
46
0.180
0.35
L-11216
22
2.5MHz
51
0.230
0.28
L-11217
27
2.5MHz
52
0.265
0.28
L-11218
33
2.5MHz
47
0.346
0.22
L-11219
39
2.5MHz
46
0.371
0.22
L-11220
47
2.5MHz
45
0.502
0.175
L-11221
56
2.5MHz
45
0.687
0.136
L-11222
68
2.5MHz
46
0.888
0.108
L-11223
82
2.5MHz
53
1.196
0.087
L
DCR
I
Part
Nom.
Test
Q
max.
max.
Number
(µH)
Freq.
min.
(
Ω )(Amps)
L-11224
100
790kHz
39
1.495
0.087
L-11225
120
790kHz
75
1.725
0.087
L-11226
150
790kHz
60
1.955
0.087
L-11227
180
790kHz
75
2.07
0.087
L-11228
220
790kHz
63
2.185
0.087
L-11229
270
790kHz
68
2.53
0.087
L-11230
330
790kHz
64
3.335
0.070
L-11231
390
790kHz
60
3.45
0.070
L-11232
470
790kHz
70
5.29
0.056
L-11233
560
790kHz
68
5.405
0.056
L-11234
680
790kHz
64
5.93
0.056
L-11235
820
790kHz
60
6.325
0.056
L-11236
1000
790kHz
40
7.13
0.056
L-11237
1200
250kHz
70
10.005
0.042
L-11238
1500
250kHz
72
14.26
0.033
L-11239
1800
250kHz
72
15.765
0.033
L-11240
2200
250kHz
72
17.595
0.033
L-11241
2700
250kHz
72
19.32
0.033
L-11242
3300
250kHz
72
21.735
0.033
L-11243
3900
250kHz
70
26.00
0.027
L-11244
4700
250kHz
63
29.90
0.027
Flat Coil Design
(Saves board space)
Inductance Tolerance + 10%
Custom Designs Available
Leads are # 24 AWG
Height dimensions
are without solder
joint or coatings.


Similar Part No. - L-11226

ManufacturerPart #DatasheetDescription
logo
3M Electronics
L-11-10 3M-L-11-10 Datasheet
38Kb / 5P
   Specialty Terminals
logo
Analog Devices
L-11-10-P AD-L-11-10-P Datasheet
30Kb / 4P
   11-2S-P thru 13-500-P Ring Tongue, Vinyl Insulated, Butted Seam
logo
3M Electronics
L-11-6 3M-L-11-6 Datasheet
38Kb / 5P
   Specialty Terminals
L-11-8 3M-L-11-8 Datasheet
38Kb / 5P
   Specialty Terminals
logo
Rhombus Industries Inc.
L-11001 RHOMBUS-IND-L-11001 Datasheet
26Kb / 1P
   CURRENT SENSE INDUCTORS
More results

Similar Description - L-11226

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
9677001015 FAIR-RITE-9677001015 Datasheet
1Mb / 1P
   Bobbins
9677142009 FAIR-RITE-9677142009 Datasheet
1Mb / 1P
   Bobbins
9677282008 FAIR-RITE-9677282008 Datasheet
1Mb / 1P
   Bobbins
9677352508 FAIR-RITE-9677352508 Datasheet
1Mb / 1P
   Bobbins
9677182008 FAIR-RITE-9677182008 Datasheet
1Mb / 1P
   Bobbins
9677182209 FAIR-RITE-9677182209 Datasheet
1Mb / 1P
   Bobbins
9677282009 FAIR-RITE-9677282009 Datasheet
1Mb / 1P
   Bobbins
9677353509 FAIR-RITE-9677353509 Datasheet
1Mb / 1P
   Bobbins
9677453508 FAIR-RITE-9677453508 Datasheet
1Mb / 1P
   Bobbins
9877000204 FAIR-RITE-9877000204 Datasheet
1Mb / 1P
   Bobbins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com