Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3535EDD-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3535EDD-PBF
Description  Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3535EDD-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3535EDD-PBF Datasheet HTML 4Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 5Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 6Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 7Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 8Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 9Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 10Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 11Page - Linear Technology LTC3535EDD-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC3535
8
3535f
BLOCK DIAGRAM
10
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK1
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
EXPOSED
PAD
+
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF1
4M
SHDN1
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN1
2
1
SW1
VOUT
L1
4.7μH
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT1
12
13
GND
3535 BD
6
GND
3
FB1
R2
COUT1
10μF
VOUT1
1.5V
TO 5.25V
R1
11
CIN
2.2μF
VIN1
0.8V
TO 5V
GATE DRIVERS
AND
ANTI-CROSS
CONDUCTION
LOGIC
CLK2
IPK
IPK
COMP
SLOPE
COMP
IZERO
COMP
ERROR AMP
SLEEP COMP
IZERO
WAKE
+
WELL
SWITCH
MODE
CONTROL
UVLO
VREF
VREF2
4M
VBEST
START-UP
1MHz
OSC
TSD
THERMAL
SHUTDOWN
SHUTDOWN
ANTI-RING
VSEL
VIN2
4
VOUT2
VB
SHUTDOWN
CLAMP
CSS
VREF
VOUT2
9
FB2
R4
COUT2
10μF
VOUT2
1.5V
TO 5.25V
R3
8
CIN2
2.2μF
VIN2
0.8V
TO 5V
+
SHDN2
7
VIN2
5
SW2
L2
4.7μH
+


Similar Part No. - LTC3535EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3535 LINER-LTC3535 Datasheet
1Mb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3535 LINER-LTC3535_15 Datasheet
1Mb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
More results

Similar Description - LTC3535EDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3535 LINER-LTC3535_15 Datasheet
1Mb / 16P
   Dual Channel 550mA 1MHz Synchronous Step-Up DC/DC Converter
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526L LINER-LTC3526L_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
logo
Union Semiconductor, In...
UM3429 UNIONSEMI-UM3429 Datasheet
606Kb / 12P
   600mA, 1MHz, Synchronous Step-Up DC-DC Converter
logo
Linear Technology
LTC3526L LINER-LTC3526L Datasheet
271Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm 횞 2mm DFN
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com