Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSDM3-15M Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # FSDM3-15M
Description  FSDM Series FAST / TTL Buffered Single Output Delay Lines
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

FSDM3-15M Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  FSDM3-15M Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
FSDM 9901
FSDM Series FAST / TTL Buffered Single Output Delay Lines
Electrical Specifications at 25OC
14-Pin Package Commercial
and Mil-Grade Versions
FAST/TTL Logic Buffered
Operating Temperature Ranges
0OC to +70OC, or -55OC to +125OC
8-pin DIP/SMD Versions: FAMDL Series
14-pin DIP/SMD Versions: FAIDL Series
Delay
Tolerance
(ns)
14 Pin DIL TTL Buffered
Triple Independent Delays
Commercial
Part Number
MIL-Grade
Part Number
5 ± 1.00
FSDM-5
FSDM3-5M
6 ± 1.00
FSDM-6
FSDM3-6M
7 ± 1.00
FSDM-7
FSDM3-7M
8 ± 1.00
FSDM-8
FSDM3-8M
9 ± 1.00
FSDM-9
FSDM3-9M
10 ± 1.50
FSDM-10
FSDM3-10M
15 ± 2.00
FSDM-15
FSDM3-15M
20 ± 2.00
FSDM-20
FSDM3-20M
25 ± 2.00
FSDM-25
FSDM3-25M
30 ± 2.00
FSDM-30
FSDM3-30M
35 ± 2.00
FSDM-35
FSDM3-35M
40 ± 2.00
FSDM-40
FSDM3-40M
50 ± 2.50
FSDM-50
FSDM3-50M
60 ± 3.00
FSDM-60
FSDM3-60M
70 ± 3.50
FSDM-70
FSDM3-70M
75 ± 3.75
FSDM-75
FSDM3-75M
80 ± 4.00
FSDM-80
FSDM3-80M
100 ± 5.0
FSDM-100
FSDM3-100M
125 ± 6.25
FSDM-125
FSDM3-125M
250 ± 12.5
FSDM-250
FSDM3-250M
500 ± 25.0
FSDM-500
FSDM3-500M
1000 ± 50.0
FSDM-1000
FSDM3-1000
Dimensions in Inches (mm)
Commercial Grade 14-Pin Package with Unused Leads Removed
as per Schematic.
(For Mil-Grade FSDM3 the Height is 0.335")
MAX.
.245
(6.22)
TYP.
.810
(20.57)
.275
(6.99)
MAX.
.600
(15.24)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.120
(3.05)
MIN.
.300
(7.62)
.400
(10.16)
MAX.
.010
(0.25)
TYP.
MIL-GRADE:
FSDM3 Military Grade delay lines use inte-
grated circuits screened to MIL-STD-883B with an operating
temperature range of -55 to +125OC. These devices have a
package height of .335"
Auto-Insertable DIP and Surface Mount Versions:
Refer to FAIDL Series, same 14-pin footprint.
For space saving, refer to FAMDL 8-pin Series
FSDM 14-Pin Schematic
1
IN
7
GND
OUT
8
Vcc
14
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................
5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ........................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
OPERATING SPECIFICATIONS
V
CC Supply Voltage ...................................
5.00 ± 0.25 VDC
I
CC
Supply Current ......................... 25 mA typ, 48 mA max.
Logic “1” Input: V
IH ........................ 2.00 V min., 5.50 V max.
I
IH ............................... 20 µA max. @ 2.70V
Logic “0” Input: V
IL ..........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ............................... 0.50 V max.
P
WI
Input Pulse Width ............................. 40% of Delay min.
Operating Temperature Range ............................ 0O to 70OC
Storage Temperature Range ...................... -65O to +150OC
P/N Description
FSDM - XXX X
Buffered Triple Delays:
14-pin Com'l: FSDM
14-pin MIL: FSDM3
Total Delay in nanoseconds (ns)
Temp. Range
Blank = Commercial
M = Mil-Grade
Examples: FSDM-25
= 25ns Delay
74F, 14-Pin Thru-hole
FSDM3-50M = 50ns Delay
74F, 14-Pin, Mil-Grade


Similar Part No. - FSDM3-15M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSDM311 FAIRCHILD-FSDM311 Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
1Mb / 19P
   Green Mode Fairchild Power Switch (FPS TM)
FSDM311 FAIRCHILD-FSDM311 Datasheet
1Mb / 24P
   Green Mode Fairchild Power Switch (FPS?? for Valley Switching Converter - Low EMI and High Efficiency
FSDM311A FAIRCHILD-FSDM311A Datasheet
720Kb / 12P
   Green Mode Fairchild Power Switch (FPS??
FSDM311L FAIRCHILD-FSDM311L Datasheet
721Kb / 16P
   Green Mode Fairchild Power Switch (FPSTM)
More results

Similar Description - FSDM3-15M

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP9748-5 PCA-EP9748-5 Datasheet
18Kb / 1P
   Mini SIL Single Output TTL Compatible Active Delay Lines
EP9460-5 PCA-EP9460-5 Datasheet
19Kb / 1P
   Mini DIP Single Output TTL Compatible Active Delay Lines
EP9748 PCA-EP9748_15 Datasheet
18Kb / 1P
   Mini SIL Single Output TTL Compatible Active Delay Lines
EP9460 PCA-EP9460_15 Datasheet
19Kb / 1P
   Mini DIP Single Output TTL Compatible Active Delay Lines
EPA3507-XX PCA-EPA3507-XX_15 Datasheet
47Kb / 1P
   Fast Logic TTL Compatible Active Delay Lines
logo
Rhombus Industries Inc.
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
logo
PCA ELECTRONICS INC.
EPA426 PCA-EPA426_15 Datasheet
19Kb / 1P
   SMD 8 Pin Single Output TTL Compatible Active Delay Lines
EPA810-5 PCA-EPA810-5 Datasheet
20Kb / 1P
   14 Pin SMD Single Output TTL Compatible Active Delay Lines
EP9430-5 PCA-EP9430-5 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
EP9430 PCA-EP9430_15 Datasheet
20Kb / 1P
   14 Pin DIP Single Output TTL Compatible Active Delay Lines
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com