Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF02EJ8 Datasheet(PDF) 5 Page - Linear Technology

Part # REF02EJ8
Description  Precision Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF02EJ8 Datasheet(HTML) 5 Page - Linear Technology

  REF02EJ8 Datasheet HTML 1Page - Linear Technology REF02EJ8 Datasheet HTML 2Page - Linear Technology REF02EJ8 Datasheet HTML 3Page - Linear Technology REF02EJ8 Datasheet HTML 4Page - Linear Technology REF02EJ8 Datasheet HTML 5Page - Linear Technology REF02EJ8 Datasheet HTML 6Page - Linear Technology REF02EJ8 Datasheet HTML 7Page - Linear Technology REF02EJ8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
REF-01/REF-02
5
PACKAGE DESCRIPTIO
0.050
(1.270)
MAX
0.016 – 0.021**
(0.406 – 0.533)
0.010 – 0.045*
(0.254 – 1.143)
SEATING
PLANE
0.040
(1.016)
MAX
0.165 – 0.185
(4.191 – 4.699)
GAUGE
PLANE
REFERENCE
PLANE
0.500 – 0.750
(12.700 – 19.050)
0.305 – 0.335
(7.747 – 8.509)
0.335 – 0.370
(8.509 – 9.398)
DIA
0.230
(5.842)
TYP
0.027 – 0.045
(0.686 – 1.143)
0.028 – 0.034
(0.711 – 0.864)
0.110 – 0.160
(2.794 – 4.064)
INSULATING
STANDOFF
45
°TYP
H8 (TO-5) 0.230 PCD 1197
LEAD DIAMETER IS UNCONTROLLED BETWEEN THE REFERENCE PLANE
AND 0.045" BELOW THE REFERENCE PLANE
FOR SOLDER DIP LEAD FINISH, LEAD DIAMETER IS
0.016 – 0.024
(0.406 – 0.610)
*
**
PIN 1
H Package
8-Lead TO-5 Metal Can (.230 Inch PCD)
(Reference LTC DWG # 05-08-1321)
OBSOLETE PACKAGE


Similar Part No. - REF02EJ8

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF02EJ AD-REF02EJ Datasheet
337Kb / 8P
   5V Precision Voltage Reference/Temperature Trangsducer
REV. B
REF02EJ AD-REF02EJ Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
REF02EJ AD-REF02EJ Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
More results

Similar Description - REF02EJ8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
   Precision Analog Voltage References
August, 2009 ??Rev. 1
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com