Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3531 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology LTC3531 Datasheet HTML 10Page - Linear Technology LTC3531 Datasheet HTML 11Page - Linear Technology LTC3531 Datasheet HTML 12Page - Linear Technology LTC3531 Datasheet HTML 13Page - Linear Technology LTC3531 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
10
3531fb
Buck Mode
If VIN is ~800mV above VOUT, the LTC3531 operates in
buck or step-down mode. The higher offset between VIN
and VOUT (800mV) is required to ensure sufficient mag-
netizing voltage across the inductor when the RDSONS
are taken into account. At the beginning of a buck mode
cycle (Figure 1 right side) switches A and D are turned
on (VIN – VOUT is applied across the inductor), current
is delivered to the output and ramped up until IPEAK is
detected. When this occurs, A is turned off, B is turned
on and inductor current falls (–VOUT across the induc-
tor) until an IVALLEY is detected. This AD then BD switch
sequence is repeated until the output is pumped above
its regulation voltage, a final IZERO is detected, and the
part returns to sleep mode.
Start-Up Mode
Before VOUT reaches approximately 1.6V, the D switch is
disabled and its body diode is used to transfer current to
the output capacitor. In start-up mode, the IVALLEY/IZERO
sense circuit is disabled and an alternate algorithm is used
to control inductor current. When the LTC3531 is brought
out of shutdown (assuming VOUT is discharged) switches
A and C are turned on until the inductor current reaches
IPEAK. The AC switches are then turned off and inductor
current flows to the output through the B switch and D
body diode. The period for the B switch/D body diode is
controlled by the tOFF timer to ~800nS. This sequence of
AC switch-on to IPEAK then B switch and D body diode for
~800ns is repeated until VOUT reaches ~1.6V. Once this
OPERATIO
threshold is reached, the LTC3531 will transfer through the
required modes until VOUT is brought into regulation.
Due to propagation delays in the sense circuitry, the
magnitudes of the IPEAK, IVALLEY, and IZERO currents may
shift depending on VIN, VOUT and operating mode.
OTHER LTC3531 FEATURES
Shutdown: The part is shut down by pulling SHDN below
0.4V, and made active by pulling the pin up to VIN or VOUT.
Note that SHDN an be driven above VIN or VOUT, as long
as it is limited to less than 6V.
Output Disconnect and Inrush Limiting: The LTC3531
is designed to allow true output disconnect by opening
both P-channel MOSFET rectifiers. This allows VOUT to go
to zero volts during shutdown, drawing no current from
the input source. It also provides inrush current limiting
at turn-on, minimizing surge currents seen by the input
supply.
Thermal Shutdown: If the die temperature reaches ap-
proximately 150°C, the part will go into thermal shut-
down and all switches will be turned off. The part will be
enabled again when the die temperature has dropped by
10°C (nominal). To deliver the power that the LTC3531
is capable of, it is imperative that a good thermal path be
provided to dissipate the heat generated within the pack-
age. It is recommended that multiple vias in the printed
circuit board be used to conduct heat away from the IC
and into a copper plane with as much area as possible.
Soldering the Exposed Pad to the GND plane (DFN version)
is recommended to improve thermal performance.


Similar Part No. - LTC3531

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3531 LINER-LTC3531 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
LTC3531 LINER-LTC3531 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3 Datasheet
392Kb / 28P
   High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3531-3 LINER-LTC3531-3 Datasheet
342Kb / 16P
   Micropower Synchronous Buck-Boost DC/DC Converter
More results

Similar Description - LTC3531

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
   200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
   300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
   300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
   Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
   15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
   Synchronous Buck-Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com