Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REF01CN8 Datasheet(PDF) 4 Page - Linear Technology

Part # REF01CN8
Description  Precision Voltage References
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

REF01CN8 Datasheet(HTML) 4 Page - Linear Technology

  REF01CN8 Datasheet HTML 1Page - Linear Technology REF01CN8 Datasheet HTML 2Page - Linear Technology REF01CN8 Datasheet HTML 3Page - Linear Technology REF01CN8 Datasheet HTML 4Page - Linear Technology REF01CN8 Datasheet HTML 5Page - Linear Technology REF01CN8 Datasheet HTML 6Page - Linear Technology REF01CN8 Datasheet HTML 7Page - Linear Technology REF01CN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
REF-01/REF-02
4
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, 0°C ≤ TA ≤ 70°C and IL = 0mA unless otherwise noted.
REF-01C, REF-02C
REF-02D
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
∆V
Output Voltage Change with
(Notes 4, 5)
0.45
1.7
%
∆T
Temperature
TC
Output Voltage Temperature
(Note 6)
8
65
8
250
ppm/
°C
Coefficient
Change in VO Temperature
RP = 10kΩ
0.5
0.5
ppm/%
Coefficient with Output
Adjustment
∆VOUT
Line Regulation
VIN = 8V to 30V
0.0001
0.018
0.0001
0.05
%/V
∆VIN
(Note 2)
∆VOUT
Load Regulation
IL = 0mA to 5mA
0.002
0.018
0.002
0.05
%/mA
∆IOUT
(Note 2)
Temperature Voltage Output
(Note 3) REF-02
2.1
2.1
mV/
°C
Temperature Coefficient
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Line and load regulation specifications include the effect of self
heating.
Note 3: Limit current in or out of Pin 3 to 50nA and capacitance on Pin 3
to 30pF.
Note 4:
∆V is defined as the absolute difference between the maximum
output voltage and the minimum output voltage over the specified
temperature range expressed as a percentage of nominal output.
∆V
VMAX VMIN
VOUT
=
•100
Note 5:
∆V specification applies trimmed or untrimmed.
Note 6: TC is defined as
∆V divided by the temperature range, i.e.,
TC
V
TMAX TMIN
=
±
Note 7: 0.1Hz to 10Hz noise cannot be 100% tested on modern high
speed test equipment, so Linear Technology does not put a guaranteed
maximum specification on this parameter for standard units. 100% bench
testing of 0.1Hz to 10Hz noise is available on special request. To ensure
low output noise, Linear Technology
does 100% test 10Hz to 1kHz noise.
Consult factory for details.


Similar Part No. - REF01CN8

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
REF01C MAXIM-REF01C Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
REF01CESA MAXIM-REF01CESA Datasheet
251Kb / 8P
   5V, 10V Precision Voltage References
REF01CESA MAXIM-REF01CESA Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Analog Devices
REF01CJ AD-REF01CJ Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
REF01CJ AD-REF01CJ Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
More results

Similar Description - REF01CN8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM368-10 TI1-LM368-10 Datasheet
399Kb / 10P
[Old version datasheet]   Precision Voltage References
logo
Linear Technology
REF-01 LINER-REF-01_15 Datasheet
125Kb / 8P
   Precision Voltage References
REF-02 LINER-REF-02_15 Datasheet
125Kb / 8P
   Precision Voltage References
logo
API Technologies Corp
HC2700 APITECH-HC2700 Datasheet
52Kb / 2P
   Precision Voltage References
logo
ON Semiconductor
CAT8900 ONSEMI-CAT8900 Datasheet
388Kb / 7P
   Precision Analog Voltage References
August, 2009 ??Rev. 1
CAT8900B120TBGT3 ONSEMI-CAT8900B120TBGT3 Datasheet
378Kb / 7P
   Precision Analog Voltage References
March, 2011 ??Rev. 7
logo
Maxim Integrated Produc...
REF01 MAXIM-REF01_07 Datasheet
108Kb / 9P
   5V, 10V Precision Voltage References
Rev 7; 4/07
logo
Diodes Incorporated
ZXRE330 DIODES-ZXRE330 Datasheet
522Kb / 8P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
logo
Zetex Semiconductors
LM4040 ZETEX-LM4040_07 Datasheet
110Kb / 6P
   Precision micropower shunt voltage references
logo
Diodes Incorporated
LM4041DH5TA DIODES-LM4041DH5TA Datasheet
177Kb / 7P
   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com