Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2050SN Datasheet(PDF) 9 Page - Texas Instruments

Part # BQ2050SN
Description  Lithium Ion Power Gauge??IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2050SN Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ2050SN Datasheet HTML 5Page - Texas Instruments BQ2050SN Datasheet HTML 6Page - Texas Instruments BQ2050SN Datasheet HTML 7Page - Texas Instruments BQ2050SN Datasheet HTML 8Page - Texas Instruments BQ2050SN Datasheet HTML 9Page - Texas Instruments BQ2050SN Datasheet HTML 10Page - Texas Instruments BQ2050SN Datasheet HTML 11Page - Texas Instruments BQ2050SN Datasheet HTML 12Page - Texas Instruments BQ2050SN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Error Summary
Capacity Inaccurate
The LMD is susceptible to error on initialization or if no
updates occur.
On initialization, the LMD value in-
cludes the error between the programmed full capacity
and the actual capacity. This error is present until a
valid discharge occurs and LMD is updated (see the
DCR description on page 7). The other cause of LMD er-
ror is battery wear-out. As the battery ages, the meas-
ured capacity must be adjusted to account for changes in
actual battery capacity.
A Capacity Inaccurate counter (CPI) is maintained and
incremented each time a valid charge occurs (qualified
by NAC; see the CPI register description) and is reset
whenever LMD is updated from the DCR. The counter
does not wrap around but stops counting at 255. The ca-
pacity inaccurate flag (CI) is set if LMD has not been up-
dated following 64 valid charges.
Current-Sensing Error
Table 5 illustrates the current-sensing error as a func-
tion of VSRO. A digital filter eliminates charge and dis-
charge counts to the NAC register when VSRO is between
VSRQ and VSRD.
Communicating With the bq2050
The bq2050 includes a simple single-pin (DQ plus re-
turn) serial data interface. A host processor uses the in-
terface to access various bq2050 registers. Battery char-
acteristics may be easily monitored by adding a single
contact to the battery pack. The open-drain DQ pin on
the bq2050 should be pulled up by the host system, or may
be left floating if the serial interface is not used.
The interface uses a command-based protocol, where the
host processor sends a command byte to the bq2050.
The command directs the bq2050 to either store the next
eight bits of data received to a register specified by the
command byte or output the eight bits of data specified
by the command byte.
The communication protocol is asynchronous return-to-
one. Command and data bytes consist of a stream of
eight bits that have a maximum transmission rate of
333 bits/sec. The least-significant bit of a command or
data byte is transmitted first.
The protocol is simple
enough that it can be implemented by most host proces-
sors using either polled or interrupt processing. Data
input from the bq2050 may be sampled using the pulse-
width capture timers available on some microcontrol-
lers.
If a communication error occurs, e.g. tCYCB > 6ms, the
bq2050 should be sent a BREAK to reinitiate the serial
interface. A BREAK is detected when the DQ pin is
driven to a logic-low state for a time, tB or greater. The
DQ pin should then be returned to its normal ready-
high logic state for a time, tBR. The bq2050 is now ready
to receive a command from the host processor.
The return-to-one data bit frame consists of three dis-
tinct sections.
The first section is used to start the
transmission by either the host or the bq2050 taking the
DQ pin to a logic-low state for a period, tSTRH,B. The
next section is the actual data transmission, where the
data should be valid by a period, tDSU, after the negative
edge used to start communication. The data should be
held for a period, tDV, to allow the host or bq2050 to
sample the data bit.
The final section is used to stop the transmission by re-
turning the DQ pin to a logic-high state by at least a pe-
riod, tSSU, after the negative edge used to start commu-
nication. The final logic-high state should be held until
a period, tSV, to allow time to ensure that the bit trans-
mission was stopped properly. The timings for data and
break communication are given in the serial communi-
cation timing specification and illustration sections.
Communication with the bq2050 is always performed with
the least-significant bit being transmitted first. Figure 3
shows an example of a communication sequence to read
the bq2050 NAC register.
9
bq2050
Symbol
Parameter
Typical
Maximum
Units
Notes
INL
Integrated non-linearity
error
± 2
± 4
%
Add 0.1% per °C above or below 25°C
and 1% per volt above or below 4.25V.
INR
Integrated non-
repeatability error
± 1
± 2
%
Measurement repeatability given
similar operating conditions.
Table 6. bq2050 Current-Sensing Errors


Similar Part No. - BQ2050SN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2050SN ETC-BQ2050SN Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050SN TI1-BQ2050SN Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
logo
List of Unclassifed Man...
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050SN-D119 TI1-BQ2050SN-D119 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050SN-D119G4 TI1-BQ2050SN-D119G4 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
More results

Similar Description - BQ2050SN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ2050SN-D119 ETC-BQ2050SN-D119 Datasheet
235Kb / 21P
   Lithium Ion Power Gauge IC
logo
Texas Instruments
BQ2050 TI1-BQ2050_15 Datasheet
1Mb / 27P
[Old version datasheet]   Lithium Ion Power Gauge??IC
BQ2050H TI-BQ2050H Datasheet
213Kb / 25P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge IC
BQ2050H TI1-BQ2050H_15 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Cost Lithium Ion Power Gauge??IC
BQ2954 TI1-BQ2954_13 Datasheet
739Kb / 23P
[Old version datasheet]   Lithium Ion Charge Management IC
BQ2054 TI-BQ2054 Datasheet
150Kb / 16P
[Old version datasheet]   Lithium Ion Fast-Charge IC
BQ2054 TI1-BQ2054_09 Datasheet
356Kb / 19P
[Old version datasheet]   Lithium Ion Fast-Charge IC
logo
Mitsumi Electronics, Co...
MM3645 MITSUMI-MM3645 Datasheet
50Kb / 4P
   1cell Lithium-ion/Lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5420 HMSEMI-HM5420 Datasheet
1Mb / 15P
   2 lithium ion/lithium polymer battery protection IC
logo
Sanyo Semicon Device
LA5621M SANYO-LA5621M Datasheet
94Kb / 6P
   Lithium-Ion Battery Charge Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com