Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4253ACGN-ADJ Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4253ACGN-ADJ
Description  -48V Hot Swap Controller with Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253ACGN-ADJ Datasheet(HTML) 2 Page - Linear Technology

  LTC4253ACGN-ADJ Datasheet HTML 1Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 2Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 3Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 4Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 5Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 6Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 7Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 8Page - Linear Technology LTC4253ACGN-ADJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC4253A-ADJ
2
4253a-adjf
GN PACKAGE
20-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
EN2
PWRGD2
PWRGD1
VIN
RESET
SS
SEL
SENSE
VEE
VEE
PWRGD3
EN3
SQTIMER
TIMER
UVL
UV
OVL
OV
DRAIN
GATE
Current into VIN (100µs Pulse) ........................... 100mA
Current into DRAIN (100
µs Pulse)........................ 20mA
VIN, DRAIN Minimum Voltage............................... –0.3V
Input/Output (Except SENSE
and DRAIN) Voltage ...................................– 0.3V to 16V
SENSE Voltage ..........................................– 0.6V to 16V
Current Out of SENSE (20
µs Pulse) .................. –200mA
Maximum Junction Temperature .......................... 125
°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 95°C/W
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
LTC4253ACGN-ADJ
LTC4253AIGN-ADJ
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1) All voltages referred to VEE
Operating Temperature Range
LTC4253A-ADJC ..................................... 0
°C to 70°C
LTC4253A-ADJI .................................. – 40
°C to 85°C
Storage Temperature Range
SSOP ................................................ – 65
°C to 150°C
QFN .................................................. – 65
°C to 125°C
Lead Temperature (Soldering, 10 sec)
SSOP ................................................................ 300
°C
ORDER PART
NUMBER
LTC4253ACUF-ADJ
LTC4253AIUF-ADJ
20 19 18 17 16
6
7
8
TOP VIEW
21
UF PACKAGE
20-LEAD (4mm
× 4mm) PLASTIC QFN
9
10
5
4
3
2
1
11
12
13
14
15
VIN
RESET
SS
SEL
SENSE
SQTIMER
TIMER
UVL
UV
OVL
TJMAX = 125°C, θJA = 37°C/W
EXPOSED PAD (PIN 21) IS VEEMUST BE SOLDERED TO PCB
UF PART
MARKING*
253AJ
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VZ
VIN – VEE Zener Voltage
IIN = 2mA
11.5
13
14.5
V
RZ
VIN – VEE Zener Dynamic Impedance
IIN = (2mA to 30mA)
5
IIN
VIN Supply Current
UV = UVL = OV = OVL = 4V, VIN = (VZ – 0.3V)
1.1
2
mA
VLKO
VIN Undervoltage Lockout
Coming Out of UVLO (Rising VIN)
910
V
VLKH
VIN Undervoltage Lockout Hysteresis
0.25
0.5
0.75
V
VIH
TTL Input High Voltage
2V
VIL
TTL Input Low Voltage
0.8
V
VHYST
TTL Input Buffer Hysteresis
600
mV
IRESET
RESET Input Current
VEE ≤ VRESET ≤ VIN
±0.1
±10
µA
IEN
EN2, EN3 Input Current
VEN = 4V (Sinking)
60
120
180
µA
VEN = 0V
±0.1
±10
µA
Order Options Tape and Reel: Add #TR, Lead Free: Add #PBF, Lead Free Tape and Reel: Add #TRPBF, Lead Free Part Marking: http://www.linear.com/leadfree/


Similar Part No. - LTC4253ACGN-ADJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4253A LINER-LTC4253A Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
More results

Similar Description - LTC4253ACGN-ADJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com