Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4224-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4224-2
Description  Compact Dual Low Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4224-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC4224-2 Datasheet HTML 1Page - Linear Technology LTC4224-2 Datasheet HTML 2Page - Linear Technology LTC4224-2 Datasheet HTML 3Page - Linear Technology LTC4224-2 Datasheet HTML 4Page - Linear Technology LTC4224-2 Datasheet HTML 5Page - Linear Technology LTC4224-2 Datasheet HTML 6Page - Linear Technology LTC4224-2 Datasheet HTML 7Page - Linear Technology LTC4224-2 Datasheet HTML 8Page - Linear Technology LTC4224-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4224-1/LTC4224-2
5
422412fa
PIN FUNCTIONS
SENSE1, SENSE2 (Pins 1,10): Current Sense Input. Con-
nect this pin to an external sense resistor. The current limit
circuit controls GATEn to limit the voltage between VCCn
and SENSEn to 25mV. An Electronic Circuit Breaker (ECB)
is active during current limiting and trips after 5ms. To
disable current limit, connect this pin to VCCn.
VCC1, VCC2 (Pins 2, 9): Supply Voltage and Current Sense
Input. An undervoltage lockout circuit disables the part
until VCC, the higher of VCC1 and VCC2, exceeds 2.4V. The
lower supply is disabled until it exceeds 0.8V.
GATE1, GATE2 (Pins 3, 8): Gate Drive for External N-channel
MOSFET. A charge pump sources 10μA from GATE to turn
on the external MOSFET. An internal clamp limits the gate
voltage to 5.5V above the higher of VCC1 and VCC2. During
turn-off, a 1.5mA pulldown current discharges GATE to
ground. During short-circuits, a 125mA pulldown current
is activated to discharge GATE to ground.
FAULT (Pin 4): Fault Status Output. Open-drain output
that is normally pulled high to VCC1 or VCC2 by an exter-
nal resistor. It is pulled low when the ECB trips due to an
overcurrent condition at either supply. This pin may be
left open if unused.
ON1, ON2 (Pins 5, 6): On Control Input. A falling edge
turns on the external N-channel MOSFET and a rising edge
turns it off. A low to high transition on this pin resets an
ECB fault for the corresponding channel. Internally pulled
up to VCC by a 10μA current source.
GND (Pin 7): Device Ground.
Exposed Pad (DFN Package Only): Exposed Pad may be
left open or connected to device ground.
FUNCTIONAL DIAGRAM
CHARGE
PUMP
422412 FD
0.8V
0.8V
2.4V
VCC
+
+
+
+
CHARGE
PUMP
+
GATE
PULLDOWN
LOGIC
CONTROL
GATE
PULLDOWN
0.8V
+
0.8V
VCC1
VCC2
10μA
10μA
GATE1
GATE2
ON1
FAULT
ON2
SENSE2
SENSE1
GND
ACL1
ACL2
10μA
10μA
5.5V
5.5V
ON2
ON1
ECB1
ECB2
VCC1 UV
VCC2 UV
25mV
25mV
VCC
VCC
VCC
VCC


Similar Part No. - LTC4224-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
More results

Similar Description - LTC4224-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4224-2 LINER-LTC4224-2_15 Datasheet
225Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
LTC4224-1 LINER-LTC4224-1_15 Datasheet
225Kb / 16P
   Compact Dual Low Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6173 INTERSIL-ISL6173_06 Datasheet
460Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Renesas Technology Corp
ISL6173 RENESAS-ISL6173 Datasheet
839Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6172 INTERSIL-ISL6172 Datasheet
412Kb / 15P
   Dual Low Voltage Hot Swap Controller
June 2004
ISL6173DRZA INTERSIL-ISL6173DRZA Datasheet
454Kb / 20P
   Dual Low Voltage Hot Swap Controller
January 3, 2006
ISL6173 INTERSIL-ISL6173 Datasheet
452Kb / 20P
   Dual Low Voltage Hot Swap Controller
logo
Summit Microelectronics...
S39421 SUMMIT-S39421 Datasheet
201Kb / 28P
   Hot Swap Voltage Controller
logo
Linear Technology
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com