Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215CUFD-1-TR Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4215CUFD-1-TR
Description  Hot Swap Controller with I2C Compatible Monitoring
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215CUFD-1-TR Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4215CUFD-1-TR Datasheet HTML 3Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 4Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 5Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 6Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 7Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 8Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 9Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 10Page - Linear Technology LTC4215CUFD-1-TR Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4215-1
7
42151fa
VOL(GPIO1) vs IGPIO1
Total Unadjusted Error
vs Code (ADIN)
ADC INL vs Code (ADIN)
CODE
0
128
192
4215 G14
256
64
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
CODE
0
64
128
192
0
0.001
0.002
0.003
0.004
0.006
4215 G13
256
0.005
IGPIO1 (mA)
0
0.2
0.4
0.6
0.1
0.3
0.5
24
6
8
4215 G12
10
0
VDD = 3.3V, 5V, 12V
ADC Full-Scale Error
vs Temperature
TEMPERATURE (°C)
–50
–25
–1.0
–0.2
1.0
0
50
4215 G05
–0.6
0.6
0.2
–0.4
0.8
–0.8
0.4
0
25
75
100
TA = 25°C, VDD = 12V unless otherwise noted.
ADC DNL vs Code (ADIN)
CODE
0
–0.5
–0.4
–0.3
–0.1
–0.2
0
0.1
0.2
0.5
0.4
128
4215 G15
256
64
192
0.3
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC4215CUFD-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215CUFD-1 LINER-LTC4215CUFD-1 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1PBF LINER-LTC4215CUFD-1PBF Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1TR LINER-LTC4215CUFD-1TR Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-1TRPBF LINER-LTC4215CUFD-1TRPBF Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results

Similar Description - LTC4215CUFD-1-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-3 LINER-LTC4215CUFD-3 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com