Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151IDD-TRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4151IDD-TRPBF
Description  High Voltage I2C Current and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151IDD-TRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4151IDD-TRPBF Datasheet HTML 2Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 3Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 4Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 5Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 6Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC4151IDD-TRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC4151/LTC4151-1
6
41511fa
PIN FUNCTIONS
SENSE+ (Pin 1): Kelvin Sense of the VIN Pin. See Figure 10
for recommended Kelvin connection.
VIN (Pin 2): Supply Voltage Input. Accepts 7V to 80V.
The voltage at this pin is monitored by the onboard ADC
with a full-scale input range of 102.4V. SENSE+ must be
connected to VIN for proper ADC readout.
ADR1, ADR0 (Pin 3, Pin 4): I2C Device Address Inputs.
Connecting ADR1 and ADR0 to VIN, GND or leaving the pins
open configures one of nine possible addresses. See Table 1
in the Applications Information section for details.
ADIN (Pin 5): ADC Input. The onboard ADC measures volt-
age range between 0V and 2.048V. Tie to GND if unused.
SCL (Pin 6): I2C Bus Clock Input. Data is shifted in and out
at the SDA pin on rising edges of SCL. This pin is driven
by an open collector output from a master controller. An
external pull-up resistor or current source is required and
can be placed between SCL and VIN. The voltage at SCL
is internally clamped to 6V (5.5V minimum).
SDA (Pin 7, LTC4151 Only): I2C Bus Data Input/Output.
Used for shifting in address, command or data bits and
sending out data. An external pull-up resistor or current
source is required and can be placed between SDA and VIN.
The voltage at SDA is internally clamped to 6V (5.5V
minimum).
SDAI (Pin 7, LTC4151-1 Only): I2C Bus Data Input. Used
for shifting in address, command or data bits. This pin is
driven by an open collector output from a master controller.
An external pull-up resistor or current source is required
and can be placed between SDAI and VIN. The voltage at
SDAI is internally clamped to 6V (5.5V minimum).
SDAO (Pin 8, LTC4151-1 Only): Inverted Serial Bus Data
Output. Open-drain output used for sending data back to the
master controller or acknowledging a write operation. Data
is inverted for convenience of optoisolation. An external
pull-up resistor or current source is required.
SHDN (Pin 8, LTC4151 Only): Shutdown Input. Internally
pulled up to 6.3V. Pull this pin below 1V to force the LTC4151
into shutdown mode. Leave this pin open if unused.
GND (Pin 9): Device Ground.
SENSE(Pin 10):
High Side Current Sense Input. Connect
an external sense resistor between SENSE+ and SENSE.
The differential voltage between SENSE+ and SENSEis
monitored by the onboard ADC with a full-scale sense
voltage of 81.92mV.
Exposed Pad (Pin 11, DD Package Only): Exposed pad
may be left open or connected to device ground (GND).
(DD/MS)
TYPICAL PERFORMANCE CHARACTERISTICS V
IN = 12V, TA = 25°C, unless noted.
SDA, SDAO Output Low vs
Pull-Up Current (VSDA(OL) vs ISDA)
SDA, SDAI, SCL Clamp Voltage
vs Load Current
ISDA (mA)
0
0.3
0.4
20
0.2
0.1
0
5
10
15
0.5
41511 G09
– 40°C
25°C
85°C
ILOAD (mA)
0.01
0.1
1
10
6.2
6.1
6.0
5.9
6.3
41511 G10
– 40°C
85°C
25°C


Similar Part No. - LTC4151IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151IDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com