Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151CDD-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4151CDD-TRPBF
Description  High Voltage I2C Current and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151CDD-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4151CDD-TRPBF Datasheet HTML 7Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 8Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 9Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 10Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 11Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 12Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 13Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 14Page - Linear Technology LTC4151CDD-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4151/LTC4151-1
11
41511fa
APPLICATIONS INFORMATION
Table 1. LTC4151/LTC4151-1 Device Addressing*
DESCRIPTION
HEX DEVICE
ADDRESS
BINARY DEVICE ADDRESS
LTC4151/LTC4151-1
ADDRESS PINS
h
a6a5a4a3a2a1a0
R/W
ADR1
ADR0
Mass Write
CC
11001100
X
X
0
CE
1100111
X
H
L
1
D0
1101000
X
NC
H
2
D2
1101001
X
H
H
3
D4
1101010
X
NC
NC
4
D6
1101011
X
NC
L
5
D8
1101100
X
L
H
6
DA
1101101
X
H
NC
7
DC
1101110
X
L
NC
8
DE
1101111
X
L
L
*H = Tie High; L = Tie to GND; NC = Open; X = Don’t Care
Acknowledge
The acknowledge signal is used for handshaking between
the transmitter and the receiver to indicate that the last
byte of data was received. The transmitter always releases
the SDA line during the acknowledge clock pulse. The
LTC4151/LTC4151-1 pull the SDA line low on the 9th clock
cycle to acknowledge receipt of the data. If the slave fails
to acknowledge by leaving SDA high, then the master can
abort the transmission by generating a Stop condition.
When the master is receiving data from the slave, the
master must pull down the SDA line during the clock pulse
to indicate receipt of a data byte, and that another byte is
to be read. After the last byte has been received the master
will leave the SDA line high (not acknowledge) and issue
a Stop condition to terminate the transmission.
Write Protocol
The master begins a write operation with a Start condi-
tion followed by the seven bit slave address and the R/W
bit set to zero. After the addressed LTC4151/LTC4151-1
acknowledge the address byte, the master then sends a
command byte which indicates which internal register
the master wishes to write. The LTC4151/LTC4151-1
acknowledge this and then latches the lower three bits of
the command byte into its internal register address pointer.
The master then delivers the data byte and the LTC4151 or
LTC4151-1 acknowledges once more and latches the data
into its internal register. If the master continues sending a
second byte or more data bytes, as in a Write Word or Write
Page command, the second byte or more data bytes will
be acknowledged by the LTC4151/LTC4151-1, the internal
register address pointer will increment automatically, and
each byte of data will be latched into an internal register
corresponding to the address pointer. The write operation
terminates and the register address pointer resets to 00h
when the master sends a Stop condition.
Read Protocol
The master begins a read operation with a Start condition
followed by the seven bit slave address and the R/W bit set to
zero.AftertheaddressedLTC4151/LTC4151-1acknowledge
the address byte, the master then sends a command byte
that indicates which internal register the master wishes to
read. The LTC4151/LTC4151-1 acknowledge this and then
latches the lower three bits of the command byte into its
internal register address pointer. The master then sends
a repeated Start condition followed by the same seven bit
address with the R/W bit now set to one. The LTC4151/
LTC4151-1 acknowledge and send the contents of the
requested register. The transmission terminates when the
master sends a Stop condition. If the master acknowledges
the transmitted data byte, as in a Read Word command,
the LTC4151/LTC4151-1 will send the contents of the next
register. If the master acknowledges the second data byte


Similar Part No. - LTC4151CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151CDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com