Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4222 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4222
Description  Dual Hot Swap Controller with I2C Compatible Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4222 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4222 Datasheet HTML 4Page - Linear Technology LTC4222 Datasheet HTML 5Page - Linear Technology LTC4222 Datasheet HTML 6Page - Linear Technology LTC4222 Datasheet HTML 7Page - Linear Technology LTC4222 Datasheet HTML 8Page - Linear Technology LTC4222 Datasheet HTML 9Page - Linear Technology LTC4222 Datasheet HTML 10Page - Linear Technology LTC4222 Datasheet HTML 11Page - Linear Technology LTC4222 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC4222
8
4222f
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C. VDDn = 12V unless otherwise noted.
VSENSE (mV)
0
100
10
1
0.1
4222 G18
400
350
300
250
200
150
100
50
IGPIO (mA)
0
6
2
4222 G13
10
48
0.6
0.4
0.2
0.5
0.3
0.1
0
VOL(GPIO) vs IGPIO
ADC Total Unadjusted Error vs
CODE (ADIN1)
ADC INL vs CODE (ADIN1)
ADC DNL vs CODE (ADIN1)
ADC Full-Scale Error vs
Temperature
TPHL VGATE vs VSENSE Overdrive
TEMPERATURE (°C)
–50
4
3
2
0
–2
1
–1
–3
–4
50
0
4222 G17
100
25
–25
75
CODE
0
0
0.9
0.7
0.6
0.8
1.0
0.4
0.2
0.1
0.3
0.5
512
256
4222 G14
1024
768
CODE
0
0.5
–0.4
0.4
0.2
0
–0.2
0.3
0.1
–0.1
–0.3
–0.5
512
256
4222 G15
1024
768
CODE
0
0.5
–0.4
0.4
0.2
0
–0.2
0.3
0.1
–0.1
–0.3
–0.5
512
256
4222 G16
1024
768


Similar Part No. - LTC4222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4222 LINER-LTC4222 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4222 LINER-LTC4222 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC4222 LINER-LTC4222 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4222 LINER-LTC4222 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4222 LINER-LTC4222 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results

Similar Description - LTC4222

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com