Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151IMS-1-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4151IMS-1-PBF
Description  High Voltage I2C Current and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151IMS-1-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4151IMS-1-PBF Datasheet HTML 1Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 2Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 3Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 4Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 5Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 6Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 7Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 8Page - Linear Technology LTC4151IMS-1-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4151/LTC4151-1
1
41511fa
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Voltage I2C Current
and Voltage Monitor
The LTC®4151 and LTC4151-1 are high side power
monitors that operate over a wide voltage range of 7V to
80V. In default operation mode, the onboard 12-bit ADC
continuously measures high side current, input voltage
and an external voltage. Data is reported through the I2C
interface when polled by a host. The monitors can also
perform on-demand measurement in a snapshot mode.
The LTC4151 features a dedicated shutdown pin to reduce
power consumption. The LTC4151-1 features split I2C
data pins with data in and an inverted data output to drive
optoisolators.
High Side Power Sensing with Onboard ADC and I2C
n Wide Operating Voltage Range: 7V to 80V
n 12-Bit Resolution for Both Current and Voltages
n I2C Interface
n Additional ADC Input Monitors an External Voltage
n Continuous Scan and Snapshot Modes
n Shutdown Mode (LTC4151) Reduces Quiescent
Current to 120μA
n Split SDA for Optoisolation (LTC4151-1)
n Tiny 10-Lead MSOP and 3mm
× 3mm DFN Packages
n Telecom Infrastructure
n Automotive
n Industrial
n Consumer
12-Bit ADC DNL and INL
41511 TA01
3.3V
0.02Ω
μCONTROLLER
LTC4151
SHDN
VIN
7V to 80V
VOUT
VIN
VDD
MEASURED
VOLTAGE
SCL
SDA
ADIN
ADR1
SCL
2k
2k
SDA
ADR0
GND
SENSE+ SENSE
CODE
0
0
0.5
4096
–0.5
–1.0
1024
2048
3072
1.0
41511 TA01b
CODE
0
0
0.5
4096
–0.5
–1.0
1024
2048
3072
1.0
41511 TA01c
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4151IMS-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151IMS-1-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com