Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAI4D-M01 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # FAI4D-M01
Description  FAST / TTL Logic Buffered Triple & Quad Delays Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

FAI4D-M01 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  FAI4D-M01 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
FAI34D-M 2001-01
21
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.200
(5.08)
TYP.
Dimensions in Inches (mm)
DIP (Default, FAI3D-XX)
DIP (Default, FAI4D-XX)
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.200
(5.08)
TYP.
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
G-SMD (FAI3D-XXG)
G-SMD (FAI4D-XXG)
FAST / TTL Logic Buffered Triple & Quad Delays Modules
Uniform or Various Delays in 14-Pin DIP & SMD Packages
Electrical Specifications at 25OC
OPERATING SPECIFICATIONS
V
CC Supply Voltage ........................................ 5.00 ± 0.25 VDC
I
CC
Supply Current (3D) ...................... 45 mA typ., 95 mA max.
I
CC
Supply Current (4D) .................... 65 mA typ., 130 mA max.
Logic “1” Input:
V
IH ..........................
2.00 V min., 5.50 V max.
I
IH .................................
20
µA max. @ 2.70V
Logic “0” Input:
V
IL .............................................
0.80 V max.
I
IL ..............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out ....................................... 2.40 V min.
V
OL
Logic “0” Voltage Out .................................... 0.50 V max.
P
WI
Input Pulse Width ...................................... 100% of Delay
Operating Temperature Range ................................ 0O to 70OC
Storage Temperature Range .......................... -65O to +150OC
TEST CONDITIONS
(Measurements made at 25OC)
V
CC Supply Voltage ..................................................... 5.00VDC
Input Pulse Voltage ........................................................ 3.20V
Input Pulse Rise Time ............................................ 3.0 ns max.
Input Pulse Period ......................................................... 500 ns
Input Pulse Width ........................................................ 1000 ns
FAI4D-M Series: Variety of Delays per Part
Refer to Delay tolerances for similar delays above
Triple 14-Pin Schematic
Quad 14-Pin Schematic
Delay
(ns)
FAST Buffered Multi-Line
Triple P/N
Quadruple P/N
4 ± 1.00
FAI3D-4
FAI4D-4
5 ± 1.00
FAI3D-5
FAI4D-5
6 ± 1.00
FAI3D-6
FAI4D-6
7 ± 1.00
FAI3D-7
FAI4D-7
8 ± 1.00
FAI3D-8
FAI4D-8
10 ± 1.50 FAI3D-10
FAI4D-10
15 ± 2.00 FAI3D-15
FAI4D-15
16 ± 2.00 FAI3D-16
FAI4D-16
20 ± 2.00 FAI3D-20
FAI4D-20
25 ± 2.00 FAI3D-25
FAI4D-25
30 ± 2.00 FAI3D-30
FAI4D-30
50 ± 2.50 FAI3D-50
FAI4D-50
FAST Logic
Multi-Line /
Multi-Delay P/N
Line 1 (ns)
Pin 1 to Pin 12
Line 2 (ns)
Pin 3 to Pin 10
Line 3 (ns)
Pin 4 to Pin 9
Line 4 (ns)
Pin 5 to Pin 8
FAI4D-M01
4.0
5.0
6.0
7.0
FAI4D-M02
4.0
4.0
8.0
8.0
FAI4D-M03
5.0
5.0
10.0
10.0
FAI4D-M04
4.0
6.0
8.0
10.0
FAI4D-M05
6.0
6.0
12.0
12.0
FAI4D-M06
5.0
7.5
10.0
12.5
FAI4D-M07
7.5
7.5
15.0
15.0
FAI4D-M08
8.0
8.0
16.0
16.0
FAI4D-M09
10.0
10.0
20.0
20.0
FAI4D-M10
5.0
5.0
20.0
20.0
FAI4D-M11
10.0
10.0
20.0
20.0
FAI4D-M12
4.0
8.0
16.0
32.0
To Specify G-SMD
add "G" suffix to P/N
1
3
7
8
10
12
Vcc
14
IN1
IN 2
IN 4
GND
5
OUT1
OUT 2
OUT 4
9
11
13
4
2
6
OUT 3
IN 3
1
3
7
8
10
12
Vcc
14
IN 1
IN 2
IN 3
GND
5
OUT 1
OUT 2
OUT 3


Similar Part No. - FAI4D-M01

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAI4D-10 RHOMBUS-IND-FAI4D-10 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI4D-10G RHOMBUS-IND-FAI4D-10G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI4D-10J RHOMBUS-IND-FAI4D-10J Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI4D-15 RHOMBUS-IND-FAI4D-15 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAI4D-15G RHOMBUS-IND-FAI4D-15G Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
More results

Similar Description - FAI4D-M01

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
MSDM-5 RHOMBUS-IND-MSDM-5 Datasheet
31Kb / 1P
   MSDM Series FAST / TTL Buffered Triple Independent Delays
AI3D-5 RHOMBUS-IND-AI3D-5 Datasheet
32Kb / 1P
   AI3D Series FAST / TTL Buffered Triple Independent Delays
FAI3D-4 RHOMBUS-IND-FAI3D-4 Datasheet
31Kb / 1P
   FAST / TTL Logic Triple & Quad Delays 14-Pin DIP & SMD
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
FAMDL-4 RHOMBUS-IND-FAMDL-4 Datasheet
45Kb / 1P
   Logic Buffered Single - Dual - Triple Independent Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
   AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
   FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAITD-12 RHOMBUS-IND-FAITD-12 Datasheet
44Kb / 1P
   FAITD Series FAST / TTL Buffered 10-Tap Delay Modules
XAITD-12 RHOMBUS-IND-XAITD-12 Datasheet
43Kb / 1P
   XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com