Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151IMS-PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4151IMS-PBF
Description  High Voltage I2C Current and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151IMS-PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC4151IMS-PBF Datasheet HTML 1Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 2Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 3Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 4Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 5Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 6Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 7Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 8Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4151/LTC4151-1
4
41511fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
σ
T
Transition Noise
(SENSE+ – SENSE)
VIN
ADIN
1.2
0.3
22
μVRMS
mVRMS
μVRMS
fCONV
Conversion Rate (Continuous Mode)
l
6
7.5
9
Hz
tCONV
Conversion Time (Snapshot Mode)
(SENSE+ – SENSE)
ADIN, VIN
l
l
53
26
67
33
85
42
ms
ms
RADIN
ADIN Pin Input Resistance
ADIN = 3V
l
210
M
Ω
IADIN
ADIN Pin Input Current
ADIN = 3V
l
±2
μA
I2C Interface
VADR(H)
ADR0, ADR1 Input High Threshold
l
2.3
2.65
2.9
V
VADR(L)
ADRO, ADRI Input Low Threshold
l
0.3
0.6
0.9
V
IADR(IN)
ADRO, ADRI Input Current
ADR0, ADR1 = 0V or 3V
ADR0, ADR1 = 0.8V or 2.2V
l
l
±8
±70
μA
μA
VSDA(OL)
SDA, SDAO Output Low Voltage
ISDA, ISDAO = 8mA
l
0.15
0.4
V
ISDA,SCL(IN)
SDA, SDAI, SDAO, SCL Input Current
SDA, SDAI, SDAO, SCL = 5V
l
0±2
μA
VSDA,SCL(TH)
SDA, SDAI, SCL Input Threshold
l
1.6
1.8
2
V
VSDA,SCL(CL)
SDA, SDAI, SCL Clamp Voltage
ISDA, ISDAI, ISCL = 3mA
l
5.5
6.1
6.6
V
I2C Interface Timing (Note 4)
fSCL(MAX)
Maximum SCL Clock Frequency
400
kHz
tLOW
Minimum SCL Low Period
0.65
1.3
μs
tHIGH
Minimum SCL High Period
50
600
ns
tBUF(MIN)
Minimum Bus Free Time Between Stop/
Start Condition
0.12
1.3
μs
tHD,STA(MIN)
Minimum Hold Time After (Repeated)
Start Condition
140
600
ns
tSU,STA(MIN)
Minimum Repeated Start Condition
Set-Up Time
30
600
ns
tSU,STO(MIN)
Minimum Stop Condition Set-Up Time
30
600
ns
tHD,DATI(MIN)
Minimum Data Hold Time Input
–100
0
ns
tHD,DATO(MIN)
Minimum Data Hold Time Output
300
600
900
ns
tSU,DAT(MIN)
Minimum Data Set-Up Time Input
30
100
ns
tSP(MAX)
Maximum Suppressed Spike
Pulse Width
50
110
250
ns
tRST
Stuck-Bus Reset Time
SCL or SDA/SDAI Held Low
20
33
ms
CX
SCL, SDA Input Capacitance
5
10
pF
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Internal clamps limit the SCL, SDA (LTC4151) and SDAI
(LTC4151-1) pins to a minimum of 5.5V. Driving these pins to voltages
beyond the clamp may damage the part. The pins can be safely tied to
higher voltages through a resistor that limits the current below 5mA.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN is from 7V to 80V, unless noted. (Note 3)
Note 3: All currents into pins are positive. All voltages are referenced to
GND, unless otherwise noted.
Note 4: Guaranteed by design and not subject to test.
Note 5: Integral nonlinearity and total unadjusted error of VIN are tested
between 7V and 80V.
Note 6: Offset error of VIN is defined by extrapolating the straight line
measured between 7V and 80V.


Similar Part No. - LTC4151IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com