Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151IMS-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4151IMS-PBF
Description  High Voltage I2C Current and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151IMS-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4151IMS-PBF Datasheet HTML 5Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 6Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 7Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 8Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 9Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 10Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 11Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 12Page - Linear Technology LTC4151IMS-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4151/LTC4151-1
9
41511fa
SCL
SDA
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
1 - 7
8
9
41511 F02
a6 - a0
b7 - b0
b7 - b0
1 - 7
8
9
1 - 7
8
9
P
S
Figure 2. General Data Transfer over I2C
I2C Interface
The LTC4151/LTC4151-1 feature an I2C-compatible in-
terface to provide access to six ADC data registers and
a control register for monitoring the measured voltages.
Figure 2 shows a general data transfer format using the
I2C. The LTC4151 and LTC4151-1 are read-write slave
devices and support SMBus Read Byte, Write Byte, Read
Word and Write Word commands. The devices also sup-
port Read Page and Write Page commands that allow one
to read or write more than two bytes of data. When using
the Read Page and Write Page commands, the host need
only to issue an initial register address and the internal
register address pointer automatically increments by 1
after each byte of data is read or written. After the register
address reaches 06h, it will be reset to 00h and continue
the increment. Upon a Stop condition, the register address
is reset to 00h. If desired, the Read Page and Write Page
support can be disabled by clearing control register bit
G3. The data formats for the above commands are shown
in Figures 3 to 8.
APPLICATIONS INFORMATION
Figure 3. LTC4151 Serial Bus SDA Write Byte Protocol
Figure 4. LTC4151 Serial Bus SDA Write Word Protocol
Figure 5. LTC4151 Serial Bus SDA Write Page Protocol
S
ADDRESS
1 1 0 a3:a0
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
A: ACKNOWLEDGE (LOW)
A: NOT ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
COMMAND
DATA
X X X X X b2:b0
0
W
00
0
b7:b0
A
A
AP
41511 F03
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
S
ADDRESS
1 1 0 a3:a0
COMMAND
DATA
DATA
X X X X X b2:b0
0
W
00
0
0
41511 F04
b7:b0
b7:b0
A
A
A
AP
S
ADDRESS
1 1 0 a3:a0
COMMAND
0
X X X X X b2:b0
0
W
00
41511 F05
A
A
AP
b7:b0
DATA
0
A
b7:b0
DATA
0
A
...
...
b7:b0
DATA
Figure 6. LTC4151 Serial Bus SDA Read Byte Protocol
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0 1
DATA
X X X X X b2:b0
0
W
00
41511 F06
A
A
A P
Figure 7. LTC4151 Serial Bus SDA Read Word Protocol
Figure 8. LTC4151 Serial Bus SDA Read Page Protocol
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X X X X b2:b0
0
W
00
41511 F07
A
0
A
b7:b0
DATA
A
A P
S
ADDRESS
1 1 0 a3:a0
1 1 0 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X X X X b2:b0
0
W
00
41511 F08
A
0
A
b7:b0
DATA
A
A P
...
...
b7:b0
DATA


Similar Part No. - LTC4151IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151IMS-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com