Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4213IDDB Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4213IDDB
Description  No RSENSE??Electronic Circuit Breaker
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4213IDDB Datasheet(HTML) 5 Page - Linear Technology

  LTC4213IDDB Datasheet HTML 1Page - Linear Technology LTC4213IDDB Datasheet HTML 2Page - Linear Technology LTC4213IDDB Datasheet HTML 3Page - Linear Technology LTC4213IDDB Datasheet HTML 4Page - Linear Technology LTC4213IDDB Datasheet HTML 5Page - Linear Technology LTC4213IDDB Datasheet HTML 6Page - Linear Technology LTC4213IDDB Datasheet HTML 7Page - Linear Technology LTC4213IDDB Datasheet HTML 8Page - Linear Technology LTC4213IDDB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC4213
5
4213f
TYPICAL PERFOR A CE CHARACTERISTICS
∆VGSMAX and ∆VGSARM vs VCC
∆VGSMAX and ∆VGSARM vs
Temperature
VON(TH) vs VCC
VON(TH) vs Temperature
∆VOV vs VCC
∆VOV vs Temperature
tDEBOUNCE and tREADY vs VCC
tDEBOUNCE and tREADY vs
Temperature
tRESET vs VCC
Specifications are at TA = 25°C. VCC = 5V
unless otherwise noted.
BIAS SUPPLY VOLTAGE (V)
2.0
3
5
4
6
7
3.0
4.0
5.0
6.0
4213 G10
8
2.5
3.5
4.5
5.5
∆VGSMAX
∆VGSARM
3
5
4
6
7
4213 G11
8
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
∆VGSMAX (FOR 2.5VCC)
∆VGSARM (FOR 2.5VCC)
∆VGSMAX (FOR 5VCC)
∆VGSARM (FOR 5VCC)
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G12
2.5
3.5
4.5
5.5
0.65
0.70
0.75
0.80
0.85
0.90
LOW THRESHOLD
HIGH THRESHOLD
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
2.5
3.5
4.5
5.5
0
20
40
60
4213 G16
80
100
tDEBOUNCE
tREADY
BIAS SUPPLY VOLTAGE (V)
2.0
0
40
20
60
80
3.0
4.0
5.0
6.0
4213 G18
100
120
2.5
3.5
4.5
5.5
TEMPERATURE (°C)
–50
0
50
100
125
4213 G13
–25
25
75
0.65
0.70
0.75
0.80
0.85
0.90
LOW THRESHOLD
HIGH THRESHOLD
BIAS SUPPLY VOLTAGE (V)
2.0
3.0
4.0
5.0
6.0
4213 G14
2.5
3.5
4.5
5.5
0.66
0.68
0.70
0.72
0.74
4213 G15
0.4
0.6
0.5
0.7
0.8
0.9
1.0
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
TEMPERATURE (°C)
–50
0
50
100
125
–25
25
75
0
20
40
60
4213 G17
80
100
tDEBOUNCE
tREADY


Similar Part No. - LTC4213IDDB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4213IDDB#TRPBF AD-LTC4213IDDB#TRPBF Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
More results

Similar Description - LTC4213IDDB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4213 AD-LTC4213 Datasheet
650Kb / 22P
   No RSENSE??Electronic Circuit Breaker
11/21 Rev. A
logo
STMicroelectronics
AN1280 STMICROELECTRONICS-AN1280 Datasheet
86Kb / 8P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
102898 PHOENIX-102898 Datasheet
846Kb / 10P
   Electronic circuit breaker
2010-12-17
103057 PHOENIX-103057 Datasheet
881Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
Linear Technology
LTC4213 LINER-LTC4213_15 Datasheet
190Kb / 20P
   Electronic Circuit Breaker
logo
PHOENIX CONTACT
102899 PHOENIX-102899 Datasheet
895Kb / 10P
   Electronic circuit breaker
2010-12-17
logo
STMicroelectronics
TD230 STMICROELECTRONICS-TD230 Datasheet
136Kb / 15P
   ELECTRONIC CIRCUIT BREAKER
logo
PHOENIX CONTACT
2909902 PHOENIX-2909902 Datasheet
569Kb / 23P
   Electronic circuit breaker - PTCB E1 24DC/1A NO
2909910 PHOENIX-2909910 Datasheet
572Kb / 23P
   Electronic circuit breaker - PTCB E1 24DC/8A NO
logo
ETAL Group
EBU10 ETAL-EBU10 Datasheet
1Mb / 6P
   Electronic circuit breaker EBU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com