Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-3IS6 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4210-3IS6
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-3IS6 Datasheet(HTML) 4 Page - Linear Technology

  LTC4210-3IS6 Datasheet HTML 1Page - Linear Technology LTC4210-3IS6 Datasheet HTML 2Page - Linear Technology LTC4210-3IS6 Datasheet HTML 3Page - Linear Technology LTC4210-3IS6 Datasheet HTML 4Page - Linear Technology LTC4210-3IS6 Datasheet HTML 5Page - Linear Technology LTC4210-3IS6 Datasheet HTML 6Page - Linear Technology LTC4210-3IS6 Datasheet HTML 7Page - Linear Technology LTC4210-3IS6 Datasheet HTML 8Page - Linear Technology LTC4210-3IS6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LTC4210-3/LTC4210-4
421034fa
TYPICAL PERFOR A CE CHARACTERISTICS
ITIMERUP (In Initial Cycle)
vs Supply Voltage
ITIMERUP (During Circuit Breaker
Delay) vs Supply Voltage
ITIMERUP (During Circuit Breaker
Delay) vs Temperature
ITIMERDN (In Cool-Off Cycle)
vs Supply Voltage
ITIMERUP (In Initial Cycle)
vs Temperature
ITIMERDN (In Cool-Off Cycle)
vs Temperature
IGATEUP vs Temperature
∆VGATE vs Supply Voltage
∆VGATE vs Temperature
TEMPERATURE (
°C)
–75
–10.0
–9.5
–9.0
125
LTC4210 • G07
–10.5
–11
–12.0
–25
25
75
–50
150
0
50
100
–11.5
–8.0
–8.5
VCC = 3V
VCC = 5V
SUPPLY VOLTAGE (V)
2.5
2
3
5
6
7
12
9
3.5
4.5 5.0
7.0
LTC4210 • G08
4
10
11
8
3.0
4.0
5.5 6.0 6.5
TEMPERATURE (
°C)
–75
2
3
5
6
7
12
9
–25
25
50
150
LTC4210 • G09
4
10
11
8
–50
0
75 100 125
VCC = 5V
VCC = 3V
SUPPLY VOLTAGE (V)
2.5
–10
–9
–7
–6
–5
0
–3
3.5
4.5 5.0
7.0
LTC4210 • G10
–8
–2
–1
–4
3.0
4.0
5.5 6.0 6.5
TA = 25
°C
TEMPERATURE (
°C)
–75
–10
–9
–7
–6
–5
0
–3
–25
25
50
150
LTC4210 • G11
–8
–2
–1
–4
–50
0
75 100 125
VCC = 5V
SUPPLY VOLTAGE (V)
–75
–60
–50
–40
125
LTC4210 • G13
–70
–80
–100
–25
25
75
–50
150
0
50
100
–90
–20
–30
VCC = 5V
SUPPLY VOLTAGE (V)
2.5
–60
–50
–40
6.5
LTC4210 • G12
–70
–80
–100
3.5
4.5
5.5
3.0
7.0
4.0
5.0
6.0
–90
–20
–30
TA = 25
°C
SUPPLY VOLTAGE (V)
2.5
1.0
1.2
1.6
1.8
2.0
3.0
2.4
3.5
4.5 5.0
7.0
LTC4210 • G14
1.4
2.6
2.8
2.2
3.0
4.0
5.5 6.0 6.5
TA = 25
°C
TEMPERATURE (
°C)
–75
1.0
1.2
1.6
1.8
2.0
3.0
2.4
–25
25
50
150
LTC4210 • G15
1.4
2.6
2.8
2.2
–50
0
75 100 125
VCC = 5V


Similar Part No. - LTC4210-3IS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-3IS6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com