Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4210-3 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4210-3
Description  Hot Swap Controller in 6-Lead SOT-23 Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4210-3 Datasheet(HTML) 1 Page - Linear Technology

  LTC4210-3 Datasheet HTML 1Page - Linear Technology LTC4210-3 Datasheet HTML 2Page - Linear Technology LTC4210-3 Datasheet HTML 3Page - Linear Technology LTC4210-3 Datasheet HTML 4Page - Linear Technology LTC4210-3 Datasheet HTML 5Page - Linear Technology LTC4210-3 Datasheet HTML 6Page - Linear Technology LTC4210-3 Datasheet HTML 7Page - Linear Technology LTC4210-3 Datasheet HTML 8Page - Linear Technology LTC4210-3 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LTC4210-3/LTC4210-4
421034fa
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
The LTC
®4210-3/LTC4210-4 is a 6-pin SOT-23 Hot SwapTM
controller that allows a board to be safely inserted and
removed from a live backplane. An internal high side
switch driver controls the GATE of an external N-channel
MOSFET for a supply voltage ranging from 2.7V to 7V. The
LTC4210 provides the initial timing cycle and allows the
GATE to be ramped up at an adjustable rate.
The LTC4210 features a fast current limit loop providing
active current limiting together with a circuit breaker
timer. The signal at the ON pin turns the part on and off and
is also used for the reset function.
The LTC4210-3 retries on overcurrent fault and the
LTC4210-4 latches off on an overcurrent fault.
Allows Safe Board Insertion and Removal
from a Live Backplane
Adjustable Analog Current Limit
with Circuit Breaker
Fast Response Limits Peak Fault Current
Automatic Retry or Latch Off On Current Fault
Adjustable Supply Voltage Power-Up Rate
High Side Drive for External MOSFET Switch
Controls Supply Voltages from 2.7V to 7V
Undervoltage Lockout
Adjustable Overvoltage Protection
Low Profile (1mm) SOT-23 (ThinSOT
TM) Package
Hot Board Insertion
Electronic Circuit Breaker
Industrial High Side Switch/Circuit Breaker
Hot Swap Controller in
6-Lead SOT-23 Package
Single Channel 5V Hot Swap Controller
Power-Up Sequence
+
VCC
SENSE
LTC4210-3
470
µF
VOUT
5V
4A
GND
4210 TA01
100
GATE
GND
TIMER
ON
SHORT
LONG
VIN
5V
GND
LONG
Z1: ISMA10A OR SMAJ10A
10k
20k
10
RSENSE
0.01
PCB EDGE
CONNECTOR
(MALE)
Q1
Si4410DY
Z1
OPTIONAL
100
0.22
µF
0.1
µF
0.01
µF
BACKPLANE
CONNECTOR
(FEMALE)
4210 TA02
10ms/DIV
IOUT
(0.5A/DIV)
VOUT
(5V/DIV)
VON
(2V/DIV)
VTIMER
(1V/DIV)
CLOAD = 470µF
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
ThinSOT and Hot Swap are trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC4210-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
More results

Similar Description - LTC4210-3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4210-3 LINER-LTC4210-3_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1 LINER-LTC4210-1_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-1CS6 LINER-LTC4210-1CS6 Datasheet
246Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-4 LINER-LTC4210-4_15 Datasheet
230Kb / 16P
   Hot Swap Controller in 6-Lead SOT-23 Package
LTC4210-2 LINER-LTC4210-2_15 Datasheet
256Kb / 20P
   Hot Swap Controller in 6-Lead SOT-23 Package
logo
Analog Devices
ADM4210 AD-ADM4210_15 Datasheet
285Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. A
ADM4210 AD-ADM4210 Datasheet
307Kb / 16P
   Hot Swap Controller in 6-Lead TSOT Package
REV. 0
logo
Linear Technology
LTC4251-2 LINER-LTC4251-2_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251B LINER-LTC4251B Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
LTC4251 LINER-LTC4251_15 Datasheet
272Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com