Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151CDD-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4151CDD-PBF
Description  High Voltage I2C Current and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151CDD-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4151CDD-PBF Datasheet HTML 3Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 4Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 5Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 6Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 7Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 8Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 9Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 10Page - Linear Technology LTC4151CDD-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4151/LTC4151-1
7
41511fa
BLOCK DIAGRAM
OPERATION
The LTC4151/LTC4151-1 accurately monitor high side cur-
rent and voltages. These devices accept a wide range of
input voltages from as low as 7V up to 80V and consume
less than 1.7mA quiescent current in normal operation. A
shutdown mode is available with the LTC4151 to reduce
the quiescent current to less than 300μA by pulling the
SHDN pin below 1V.
In default continuous scan mode after power-up, the
onboard 12-bit analog-to-digital converter (ADC) continu-
ously and sequentially measures the high side differen-
tial voltage between SENSE+ (Kelvin sense of VIN) and
SENSE(full-scale 81.92mV) through an internal sense
amplifier, the input voltage VIN (full-scale 102.4V) through
an internal voltage divider, and the voltage applied to the
ADIN pin (full-scale 2.048V). The reference voltage of the
ADC is internally set to 2.048V. The digital data obtained
by the ADC is stored in the onboard registers.
In snapshot mode, the LTC4151/LTC4151-1 can perform
on-demand measurement of a selected voltage without
the need of continuous polling by a master controller. The
snapshot mode is enabled by programming the control
register through the I2C interface. A status bit in the data
register monitors the ADC’s conversion. When the conver-
sion is completed, the 12-bit digital code of the measured
voltage is held in the corresponding data registers.
The LTC4151/LTC4151-1 provide an I2C interface to read
the ADC data from the data registers and to program the
control register. Two three-state pins, ADR0 and ADR1,
are used to decode nine device addresses (see Table 1).
The LTC4151 features a single SDA pin to handle both
input data and output data, while the LTC4151-1 provides
separate SDAI (input) and SDAO (inverted output) pins to
facilitate optoisolation.
SHUTDOWN
CONTROL
41511 BD
6.3V
I2C/
REGISTERS
DECODER
SHDN
(LTC4151)
VIN
5μA
VIN
RS
VREF = 2.048V
SDA/SDAI
(LTC4151/
LTC4151-1)
ADR1
SCL
SDAO
(LTC4151-1)
ADR0
GND
ADIN
15k
735k
INTERNAL
POWER
SENSE+
SENSE
+
1
2
10
8
3
4
8
7
9
5
6V
6
6V
12-BIT ADC
MUX
25X


Similar Part No. - LTC4151CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151CDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com