Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4151-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4151-1
Description  High Voltage I2C Current and Voltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4151-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC4151-1 Datasheet HTML 1Page - Linear Technology LTC4151-1 Datasheet HTML 2Page - Linear Technology LTC4151-1 Datasheet HTML 3Page - Linear Technology LTC4151-1 Datasheet HTML 4Page - Linear Technology LTC4151-1 Datasheet HTML 5Page - Linear Technology LTC4151-1 Datasheet HTML 6Page - Linear Technology LTC4151-1 Datasheet HTML 7Page - Linear Technology LTC4151-1 Datasheet HTML 8Page - Linear Technology LTC4151-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4151/LTC4151-1
3
41511fa
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC4151CDD#PBF
LTC4151CDD#TRPBF
LCWZ
10-Lead (3mm x 3mm) Plastic DFN
0°C to 70°C
LTC4151IDD#PBF
LTC4151IDD#TRPBF
LCWZ
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 85°C
LTC4151CDD-1#PBF
LTC4151CDD-1#TRPBF
LCXC
10-Lead (3mm x 3mm) Plastic DFN
0°C to 70°C
LTC4151IDD-1#PBF
LTC4151IDD-1#TRPBF
LCXC
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 85°C
LTC4151CMS#PBF
LTC4151CMS#TRPBF
LTCWY
10-Lead Plastic MSOP
0°C to 70°C
LTC4151IMS#PBF
LTC4151IMS#TRPBF
LTCWY
10-Lead Plastic MSOP
–40°C to 85°C
LTC4151CMS-1#PBF
LTC4151CMS-1#TRPBF
LTCXB
10-Lead Plastic MSOP
0°C to 70°C
LTC4151IMS-1#PBF
LTC4151IMS-1#TRPBF
LTCXB
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
VIN
Supply Voltage
l
780
V
IIN
Supply Current
VIN = 48V, Normal Operation Mode
VIN = 12V, Shutdown Mode
l
l
1.2
120
1.7
300
mA
μA
ISENSE+
SENSE+ Input Current
VIN, SENSE+, SENSE= 48V
l
59
μA
ISENSE
SENSEInput Current
VIN, SENSE+, SENSE= 48V
l
0.1
1
μA
VSHDN(TH)
SHDN Input Threshold
l
11.52
V
ISHDN
SHDN Input Current
SHDN = 0V
l
–3
–5
–8
μA
ADC
RES
Resolution (No Missing Codes)
(Note 4)
l
12
Bits
VFS
Full-Scale Voltage
(SENSE+ – SENSE)
VIN
ADIN
81.92
102.4
2.048
mV
V
V
LSB
LSB Step Size
(SENSE+ – SENSE)
VIN
ADIN
20
25
0.5
μV
mV
mV
TUE
Total Unadjusted Error
(SENSE+ – SENSE)
VIN (Note 5)
ADIN, LTC4151C, LTC4151C-1
ADIN, LTC4151I, LTC4151I-1
l
l
l
l
±1.25
±1
±0.75
±1
%
%
%
%
VOS
Offset Error
(SENSE+ – SENSE)
VIN (Note 6)
ADIN
l
l
l
±5
±6
±8
LSB
LSB
LSB
INL
Integral Nonlinearity
(SENSE+ – SENSE)
VIN (Note 5)
ADIN
l
l
l
±1
±1
±0.5
±3
±3
±2
LSB
LSB
LSB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN is from 7V to 80V, unless noted. (Note 3)


Similar Part No. - LTC4151-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC4151 LINER-LTC4151 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
logo
Analog Devices
LTC4151 AD-LTC4151 Datasheet
3Mb / 82P
   High Power Negative Voltage Hot Swap Controller with Energy Monitor
LTC4151 AD-LTC4151 Datasheet
2Mb / 74P
   Negative Voltage Hot Swap Controller with Energy Monitor
More results

Similar Description - LTC4151-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
LTC2990 LINER-LTC2990_15 Datasheet
300Kb / 24P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Analog Devices
LTC2990 AD-LTC2990 Datasheet
337Kb / 26P
   Quad I2C Voltage, Current and Temperature Monitor
logo
Linear Technology
LTC2990CMS LINER-LTC2990CMS Datasheet
60Kb / 1P
   TEMPERATURE, VOLTAGE AND CURRENT MONITOR
logo
Texas Instruments
TPS2480 TI-TPS2480_1 Datasheet
1Mb / 54P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
logo
Analog Devices
LTC2949 AD-LTC2949 Datasheet
3Mb / 80P
   Current, Voltage, and Charge Monitor for High Voltage Battery Packs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com