Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4110EUHF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4110EUHF
Description  Battery Backup System Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4110EUHF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4110EUHF Datasheet HTML 4Page - Linear Technology LTC4110EUHF Datasheet HTML 5Page - Linear Technology LTC4110EUHF Datasheet HTML 6Page - Linear Technology LTC4110EUHF Datasheet HTML 7Page - Linear Technology LTC4110EUHF Datasheet HTML 8Page - Linear Technology LTC4110EUHF Datasheet HTML 9Page - Linear Technology LTC4110EUHF Datasheet HTML 10Page - Linear Technology LTC4110EUHF Datasheet HTML 11Page - Linear Technology LTC4110EUHF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
LTC4110
8
4110fa
PIN FUNCTIONS
DCIN (Pin 1): External DC Power Sense Input. Provides a
control input and supply for the main supply ideal diode
function.
CLN (Pin 2): Current Limit Sense Negative Input. See
CLP pin.
CLP (Pin 3): Current Limit Sense Positive Input. This pin
and the CLN pin form a differential input that senses volt-
age on an external resistor for reverse current entering the
power source while in low loss calibration mode. Should
the current approach reversal, this function will terminate
calibration. An RC filter may be required to filter out system
load noise. Connect both CLP and CLN pins to GND to
disable this function. A differential voltage of >1V between
the CLP and CLN pins may damage the device.
ACPDLY (Pin 4): ACPb Delay Control Pin. A capacitor
connected from ACPDLY to GND and a resistor from
VREF to GND programs delay in the ACPb pin high-to-low
transition. Open if minimum delay is desired.
DCDIV (Pin 5): AC Present Detection Input. Backup
operation is invoked when the system power voltage,
divided by an external resistor divider, falls below the
threshold of this pin.
SHDN (Pin 6): Active High Shutdown/Reset Control Logic
Input. Forces micropower shutdown mode if high when
DCIN supply is removed. Forces all registers to reset if high
when DCIN supply is present. Normally tied to ground.
Internal pin pull-up current.
SDA (Pin 7): SMBus Bidirectional Data Signal. Connect
to VDD when not in use.
SCL (Pin 8): SMBus Clock Signal Input From SMBus Host.
Connect to VDD when not in use.
GPIO1 (Pin 9): General Purpose I/O or Charge Status Pin. A
logic-level I/O bit port that is configurable as a host-driven
input/outputportorasabatterychargestatusoutput(CHGb)
with an open-drain N-MOSFET that is asserted low when any
smart battery or Li-Ion battery is in any phase of charging
or when lead acid battery charge current is >C/x where:
x
C
ICHG
=
•5
(See C/x Charge Termination section for more details).
If the No SMBus option is selected with the SELA pin,
the GPIO1 pin defaults as battery charge status. Refer
to Table 5a.
GPIO2 (Pin 10): General Purpose I/O Pin. A logic-level I/O bit
port that is configurable as a host-driven input/output port
or as a battery undervoltage status output (BKUP_FLTb)
with an open-drain N-MOSFET that is asserted low only
while in backup mode if the battery’s average cell voltage
drops below voltage programmed by the VDIS pin. If the
No SMBus option is selected with the SELA pin, then the
GPIO2 pin defaults as battery undervoltage status. Refer
to Table 5c.
GPIO3 (Pin 11): General Purpose I/O Pin. A logic-level I/O
bit port that is configurable as a host-driven input/output
port or as a calibration complete status output (CAL_COM-
PLETEb) with an open-drain N-MOSFET that is asserted
low when calibration has been completed. If the SELA pin
is programmed for no SMBus use then the status output
is charge fault (CHGFLTb) instead of calibration complete.
Refer to Table 5e.
SELA (Pin 12): SMBus Address Selection Input. Selects
the LTC4110 SMBus address to facilitate redundant backup
systems when standard batteries are used. Connect to
GND for 12h, VDD for 28h and the VREF pin for 20h. When
a smart battery is selected by the TYPE pin, the SELA pin
must be connected to GND to select address 12h. If the
SMBus is not used or to force all GPIOs to status mode
upon power-up, connect pin to a typically 0.5 • VREF volt-
age from VREF pin resistor divider. The SMBus address,
if used, will be 12h.


Similar Part No. - LTC4110EUHF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4110 AD-LTC4110 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
More results

Similar Description - LTC4110EUHF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com