Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4110EUHF-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4110EUHF-PBF
Description  Battery Backup System Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4110EUHF-PBF Datasheet(HTML) 1 Page - Linear Technology

  LTC4110EUHF-PBF Datasheet HTML 1Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 2Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 3Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 4Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 5Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 6Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 7Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 8Page - Linear Technology LTC4110EUHF-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
LTC4110
1
4110fa
Battery Backup
System Manager
FEATURES
APPLICATIONS
DESCRIPTION
The LTC®4110 is a complete single chip, high efficiency,
flyback battery charge and discharge manager with auto-
matic switchover between the input supply and the backup
battery or super capacitor. The IC provides four modes of
operation: battery backup, battery charge, battery calibra-
tion and shutdown. Battery backup and battery charge are
automatic standalone modes, while the optional calibration
mode requires a CPU host to communicate over an SMBus.
During calibration the flyback charger is used in reverse
to discharge the battery with a programmable constant
current into the system load eliminating heat generation.
Three status outputs can be individually reconfigured over
the SMBus to become GPIOs. User programmable over-
discharge protection is provided. The SHDN pin isolates
the battery to support shipping the product with a charged
battery installed.
Multiple LTC4110s can be combined to form a redundant
battery backup system or increase the number of battery
packs to achieve longer backup run times.
The LTC4110 is available in a low profile (0.75mm), 38-pin
5mm
× 7mm QFN package. The QFN features an exposed
metal die mount pad for optimum thermal performance.
n Complete Backup Battery Manager for Li-Ion/
Polymer, Lead Acid, NiMH/NiCd Batteries and
Super Capacitors
n Charge and Discharge Battery with Voltages Above
and Below the Input Supply Voltage
n “No Heat” Battery Calibration Discharge Using
System Load
n Automatic Battery Backup with Input Supply
Removal Using PowerPath™ Control
n Standalone for Li-Ion/Polymer, SLA, and Supercaps
n Optional SMBus/I2C Support Allows Battery
Capacity Calibration Operation with Host
n Over- and Under-Battery Voltage Protection
n Adjustable Battery Float Voltage
n Precision Charge Voltage ±0.5%
n Programmable Charge/Calibration Current Up to
3A with ±3% Accuracy
n Optional Temperature Qualified Charging
n Wide Backup Battery Supply Range: 2.7V to 19V
n Wide Input Supply Range: 4.5V to 19V
n 38-Lead (5mm
× 7mm) QFN Package
n Backup Battery Systems
n Server Memory Backup
n Medical Equipment
n High Reliability Systems
Battery Backup System Manager
Server Backup System (In Backup Mode)
TYPICAL APPLICATION
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. PowerPath
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
LTC4110
INID
BATID
DCDIV
DCHFET
CHGFET
UVLO
SET POINT
BACKUP LOAD (DCOUT)
CURRENT FLOW
SYSTEM LOAD
BATTERY
DCIN
0V
ON
ON
OFF
4110 F01
4110 TA01b
LTC4110
BATTERY
BACKUP
SYSTEM
MANAGER
HOST CPU
BATTERY
SYSTEM LOAD
(DC/DC, ETC.)
I2C BUS
BACKUP LOAD
(MEMORY, ETC.)
CURRENT FLOW


Similar Part No. - LTC4110EUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4110 AD-LTC4110 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
More results

Similar Description - LTC4110EUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com