Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4110 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4110
Description  Battery Backup System Manager
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4110 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4110 Datasheet HTML 3Page - Linear Technology LTC4110 Datasheet HTML 4Page - Linear Technology LTC4110 Datasheet HTML 5Page - Linear Technology LTC4110 Datasheet HTML 6Page - Linear Technology LTC4110 Datasheet HTML 7Page - Linear Technology LTC4110 Datasheet HTML 8Page - Linear Technology LTC4110 Datasheet HTML 9Page - Linear Technology LTC4110 Datasheet HTML 10Page - Linear Technology LTC4110 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 52 page
background image
LTC4110
7
4110fa
4110 G01
500ns/DIV
5V/DIV
0V
VIN = 12V
VBAT = 12V (NiMH)
ILOAD (A)
100
90
80
70
60
0
50
40
30
20
10
2.5
2.0
1.5
0
1.0
0.5
4110 G07
0.05
0.2
0.1
0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.00
EFFICIENCY
POWER LOSS
VBAT (V)
0
15
4110 G06
25
20
10
5
40
35
30
20
10
25
15
5
0
4110 G04
0
5
10
15
25
20
VBAT (V)
140
120
100
80
60
40
20
–20
0
VBAT (V)
1200
1000
800
600
400
200
0
4110 G02
04
2
6
8
101214
PRE-CHARGE
CC
CV
DCIN (V)
2.5
2.0
1.5
1.0
0.5
0
4110 G03
0
5
10
15
20
TYPICAL PERFORMANCE CHARACTERISTICS
Typical CHGFET and DCHFET
Waveforms
Output Charging Characteristics
Showing Constant Current and
Constant Voltage Operation
Supply Current vs DCIN Voltage in
Idle Mode
Battery Leakage in Idle
Mode – IBIDL
Battery Current in Backup
Mode – IBBU
Battery Leakage in Shutdown
Mode vs Battery Voltage
Charging Efficiency/Power Loss,
12VIN and 12.6VOUT (Xfmr = BH
510-1019)
Soft-Start Waveform
Backup Mode On and Off
Waveform
4110 G05
0
5
10
15
25
20
VBAT (V)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0
0.4
0.2
4110 G08
2ms/DIV
0.2A/DIV
0A
4110 G09
10ms/DIV
NiMH BATTERY (12V)
ILOAD = 3A
VIN = 15V FALLING
VBATTERY
3V/DIV
VBACKUP
2V/DIV
0V


Similar Part No. - LTC4110

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4110 AD-LTC4110 Datasheet
965Kb / 26P
   2.5A Supercapacitor Backup Power Manager
Rev A
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
More results

Similar Description - LTC4110

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4110 LINER-LTC4110_15 Datasheet
460Kb / 52P
   Battery Backup System Manager
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Linear Technology
LTC4040 LINER-LTC4040_15 Datasheet
1Mb / 26P
   2.5A Battery Backup Power Manager
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Active-Semi, Inc
ACT2801QL-T0550 ACTIVE-SEMI-ACT2801QL-T0550 Datasheet
591Kb / 21P
   5V/1.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2802QL-T ACTIVE-SEMI-ACT2802QL-T Datasheet
181Kb / 5P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 06-Nov-13
ACT2801 ACTIVE-SEMI-ACT2801_14 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2802 ACTIVE-SEMI-ACT2802 Datasheet
586Kb / 21P
   5V/2.5A Backup Battery Pack Manager
Rev 0, 21-Jan-14
ACT2801 ACTIVE-SEMI-ACT2801_17 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com