Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4099EPDC-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4099EPDC-PBF
Description  I2C Controlled USB Power Manager/Charger with Overvoltage Protection
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4099EPDC-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4099EPDC-PBF Datasheet HTML 3Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 4Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 5Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 6Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 7Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 8Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 9Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 10Page - Linear Technology LTC4099EPDC-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
LTC4099
7
4099f
Ideal Diode V-I Characteristics
Ideal Diode Resistance
vs Battery Voltage
FORWARD VOLTAGE (V)
0
0.6
0.8
1.0
0.16
4099 G11
0.4
0.2
0
0.04
0.08
0.12
0.20
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE ONLY
BATTERY VOLTAGE (V)
2.7
0.15
0.20
0.25
3.9
4099 G12
0.10
0.05
0
3.0
3.3
3.6
4.2
INTERNAL IDEAL DIODE
WITH SUPPLEMENTAL
EXTERNAL VISHAY
Si2333 PMOS
INTERNAL IDEAL
DIODE
Automatic Low Battery Charge
Current Reduction
Battery Charge Current
vs Temperature
VBUS Current vs VBUS Voltage
(Suspend)
VBUS VOLTAGE (V)
1
30
40
50
5
4099 G18
20
10
0
2
3
4
6
IVOUT = 0mA
BATTERY VOLTAGE (V)
2.7
0
40
20
60
80
100
120
140
3.0
3.3
3.6
3.9
4099 G10
4.2
VFLOAT VOLTAGE SET FOR 4.2V
VBUS INPUT LIMIT SET FOR USB 100mA
USB Limited Battery Charge
Current vs Battery Voltage
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, VBUS = 5V, BAT = 3.8V, RPROG = 1.02k,
RCLPROG = 3.01k, unless otherwise noted.
Low Battery (Instant-On) Output
Voltage vs Temperature
TEMPERATURE (°C)
–40
3.64
3.66
60
4099 G13
3.62
3.60
–15
10
35
85
3.68
BAT = 2.7V
IVOUT = 100mA
VBUS INPUT LIMIT SET FOR USB 500mA
Normalized Battery Charger Float
Voltage vs Temperature
TEMPERATURE (°C)
–40
0.998
0.999
1.000
60
4099 G14
0.997
0.996
–15
10
35
85
1.001
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–40
2.25
2.30
2.35
60
4099 G17
2.20
2.15
2.10
–15
10
35
85
TEMPERATURE (˚C)
–40
100
040
–20
20
60
80
120
4099 G16
105°C
SETTING
85°C
SETTING
0
100
200
300
400
500
600
THERMAL
REGULATION
VOUT (V)
3.50
0
100
200
300
400
500
3.55
3.60
3.65
4099 G15
3.70


Similar Part No. - LTC4099EPDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4099 LINER-LTC4099 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
More results

Similar Description - LTC4099EPDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4099 LINER-LTC4099_15 Datasheet
546Kb / 36P
   I2C Controlled USB Power Manager/Charger with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
   USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4160 LINER-LTC4160_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160-1 LINER-LTC4160-1_15 Datasheet
432Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4160 LINER-LTC4160 Datasheet
352Kb / 32P
   Switching Power Manager with USB On-The-Go And Overvoltage Protection
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
   USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
   USB Power Manager with High Voltage Switching Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com