Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2014 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2014
Description  Gas Gauge IC with External Charge Control
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2014 Datasheet(HTML) 15 Page - Texas Instruments

Back Button BQ2014 Datasheet HTML 11Page - Texas Instruments BQ2014 Datasheet HTML 12Page - Texas Instruments BQ2014 Datasheet HTML 13Page - Texas Instruments BQ2014 Datasheet HTML 14Page - Texas Instruments BQ2014 Datasheet HTML 15Page - Texas Instruments BQ2014 Datasheet HTML 16Page - Texas Instruments BQ2014 Datasheet HTML 17Page - Texas Instruments BQ2014 Datasheet HTML 18Page - Texas Instruments BQ2014 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
Reset Register (RST)
The reset register (address=39h) provides the means to
perform a software-controlled reset of the device.
By
writing the RST register contents from 00h to 80h, a
bq2014 reset is performed. Setting any bit other than
the most-significant bit of the RST register is not al-
lowed, and results in improper operation of the bq2014.
Resetting the bq2014 sets the following:
n
LMD = PFC
n
CPI, VDQ, NAC, and NACL = 0
n
CI and BRP = 1
Note: Self-discharge is disabled when PROG5 =H.
Display
The bq2014 can directly display capacity information us-
ing low-power LEDs.
If LEDs are used, the program
pins should be resistively tied to VCC or VSS for a pro-
gram high or program low, respectively..
The bq2014 displays the battery charge state in relative
mode.
In relative mode, the battery charge is repre-
sented as a percentage of the LMD. Each LED segment
represents 20% of the LMD.
The capacity display is also adjusted for the present bat-
tery temperature. The temperature adjustment reflects
the available capacity at a given temperature but does
not affect the NAC register.
The temperature adjust-
ments are detailed in the TMPGG register description.
When DISP is tied to VCC, the SEG1–5 outputs are inac-
tive. Note: DISP must be tied to VCC if the LEDs
are not used. When DISP is left floating, the display
becomes active whenever the NAC registers are count-
ing at a rate equivalent to VSRO < -4mV or charge cur-
rent is detected, VSRO >VSRQ. When pulled low, the seg-
ment outputs become active immediately. A capacitor
tied to DISP allows the display to remain active for a
short period of time after activation by a push-button
switch.
The segment outputs are modulated as two banks of
three, with segments 1, 3, and 5 alternating with seg-
ments 2 and 4. The segment outputs are modulated at
approximately 100Hz, with each segment bank active
for 30% of the period.
SEG1 blinks at a 4Hz rate whenever VSB has been de-
tected to be below VEDV1 (EDV1 = 1), indicating a low-
battery condition. VSB below VEDVF (EDVF = 1) disables
the display output.
Microregulator
The bq2014 can operate directly from 3 or 4 cells. To facili-
tate the power supply requirements of the bq2014, an REF
output is provided to regulate an external low-threshold n-
FET. A micropower source for the bq2014 can be inexpen-
sively built using the FET and an external resistor; see
Figure 1.
15
bq2014


Similar Part No. - BQ2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014 TI1-BQ2014 Datasheet
1Mb / 27P
[Old version datasheet]   Gas Gauge IC with External Charge Control
BQ2014H TI-BQ2014H Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014H TI1-BQ2014H Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSN TI-BQ2014HSN Datasheet
185Kb / 22P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
BQ2014HSN TI1-BQ2014HSN Datasheet
842Kb / 28P
[Old version datasheet]   Low-Cost NiCd/NiMH Gas Gauge IC
More results

Similar Description - BQ2014

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2014 TI1-BQ2014_15 Datasheet
1Mb / 27P
[Old version datasheet]   Gas Gauge IC with External Charge Control
BQ2012 TI1-BQ2012_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC With Slow-Charge Control
BQ2012 TI-BQ2012 Datasheet
188Kb / 20P
[Old version datasheet]   Gas Gauge IC With Slow-Charge Control
BQ2164 TI-BQ2164 Datasheet
143Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Fast-Charge Control
BQ2114 TI-BQ2114 Datasheet
659Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Charge-Control Output
BQ2112 TI-BQ2112 Datasheet
749Kb / 7P
[Old version datasheet]   NiCd or NiMH Gas Gauge Module with Slow-Charge Control
BQ2010 TI-BQ2010 Datasheet
185Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2052 TI1-BQ2052_15 Datasheet
629Kb / 20P
[Old version datasheet]   Gas Gauge IC
BQ2010 TI1-BQ2010_15 Datasheet
1Mb / 26P
[Old version datasheet]   Gas Gauge IC
logo
STMicroelectronics
STC3117 STMICROELECTRONICS-STC3117 Datasheet
839Kb / 34P
   Gas gauge IC with battery charger control for handheld applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com