Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4098-1 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4098-1
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098-1 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4098-1 Datasheet HTML 6Page - Linear Technology LTC4098-1 Datasheet HTML 7Page - Linear Technology LTC4098-1 Datasheet HTML 8Page - Linear Technology LTC4098-1 Datasheet HTML 9Page - Linear Technology LTC4098-1 Datasheet HTML 10Page - Linear Technology LTC4098-1 Datasheet HTML 11Page - Linear Technology LTC4098-1 Datasheet HTML 12Page - Linear Technology LTC4098-1 Datasheet HTML 13Page - Linear Technology LTC4098-1 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC4098/LTC4098-1
10
40981fb
VOUT (Pin 12): Output Voltage of the Switching PowerPath
Controller and Input Voltage of the Battery Charger. The
majority of the portable product should be powered from
VOUT. The LTC4098/LTC4098-1 will partition the available
power between the external load on VOUT and the internal
battery charger. Priority is given to the external load and
any extra power is used to charge the battery. An ideal
diode from BAT to VOUT ensures that VOUT is powered even
if the load exceeds the allotted power from VBUS or if the
VBUS power source is removed. VOUT should be bypassed
with a low impedance multilayer ceramic capacitor.
VBUS (Pin 13): Input Voltage for the Switching PowerPath
Controller. VBUS will usually be connected to the USB port
of a computer or a DC output wall adapter. VBUS should
be bypassed with a low impedance multilayer ceramic
capacitor.
SW (Pin 14): The SW pin delivers power from VBUS to
VOUT via the step-down switching regulator. An inductor
should be connected from SW to VOUT. See the Applica-
tions Information section for a discussion of inductance
value and current rating.
D0 (Pin 15): Mode Select Input Pin. D0, in combination with
the D1 pin and the D2 pin, controls the current limit and
battery charger functions of the LTC4098/LTC4098-1 (see
Table 1). This pin is pulled low by a weak current sink.
D1 (Pin 16): Mode Select Input Pin. D1, in combination with
the D0 pin and the D2 pin, controls the current limit and
battery charger functions of the LTC4098/LTC4098-1 (see
Table 1). This pin is pulled low by a weak current sink.
D2 (Pin 17): Mode Select Input Pin. D2, in combination
with the D0 pin and D1 pin, controls the current limit and
battery charger functions of the LTC4098/LTC4098-1 (see
Table 1). This pin is pulled low by a weak current sink.
WALL (Pin 18): External Power Source Sense Input.
WALL should be connected to the output of the external
high voltage switching regulator and to the drain of an
external P-channel MOS transistor. It is used to determine
when power is applied to the external regulator. When
power is detected, ACPR is driven low and the USB input
is automatically disabled.
ACPR (Pin 19): External Power Source Present Output
(Active Low). ACPR indicates that the output of the external
high voltage step-down switching regulator is suitable for
use by the LTC4098/LTC4098-1. It should be connected to
the gate of an external P-channel MOS transistor whose
source is connected to VOUT and whose drain is connected
to WALL. ACPR has a high level of VOUT and a low level
of GND.
VC(Pin20):Bat-TrackExternalSwitchingRegulatorControl
Output. This pin drives the VC pin of a Linear Technology
external step-down switching regulator. In concert with
WALL and ACPR, it will regulate VOUT to maximize battery
charger efficiency.
Exposed Pad (Pin 21): Ground. The Exposed Pad must
be soldered to the PCB.
PIN FUNCTIONS


Similar Part No. - LTC4098-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098-1 LINER-LTC4098-1 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
More results

Similar Description - LTC4098-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098 LINER-LTC4098_15 Datasheet
454Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
   USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
logo
SL Power Electronics
JBL702 SLPOWER-JBL702 Datasheet
242Kb / 2P
   Li-ion/Polymer Chargers
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X Datasheet
186Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078 LINER-LTC4078 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com