Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4098 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4098
Description  USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4098 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4098 Datasheet HTML 2Page - Linear Technology LTC4098 Datasheet HTML 3Page - Linear Technology LTC4098 Datasheet HTML 4Page - Linear Technology LTC4098 Datasheet HTML 5Page - Linear Technology LTC4098 Datasheet HTML 6Page - Linear Technology LTC4098 Datasheet HTML 7Page - Linear Technology LTC4098 Datasheet HTML 8Page - Linear Technology LTC4098 Datasheet HTML 9Page - Linear Technology LTC4098 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LTC4098/LTC4098-1
6
40981fb
Battery Charge Current
vs Temperature
Normalized Battery Charger Float
Voltage vs Temperature
VOUT Voltage vs VOUT Current
in Suspend
VBUS Current vs VOUT Current
in Suspend
Automatic Battery Charge
Current Reduction
OUTPUT CURRENT (mA)
0
4.0
4.5
5.0
2
40981 G14
3.5
3.0
2.5
0.5
1
1.5
2.5
SUSPEND HIGH
SUSPEND LOW
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
OUTPUT CURRENT (mA)
0
1.5
2.0
2.5
2
40981 G15
1.0
0.5
0
0.5
1
1.5
2.5
SUSPEND HIGH
SUSPEND LOW
VBUS = 5V
BAT = 3.3V
RCLPROG = 3.01k
TEMPERATURE (°C)
–40
0
100
200
300
400
040
80
120
40981 G17
500
600
–20
20
60
100
THERMAL REGULATION
RPROG = 2k
TEMPERATURE (°C)
–40
60
40981 G18
0.997
–15
10
35
85
1.003
1.002
1.001
1.000
0.999
0.998
VOUT (V)
0
20
40
60
80
100
120
3.2
3.3
3.4
3.5
40981 G16
3.6
Battery Charging Efficiency vs
Battery Voltage with No External
Load (PBAT/PVBUS)
VBUS Current vs VBUS Voltage
(Suspend)
BATTERY VOLTAGE (V)
2.7
80
90
3.9
40981 G12
70
60
3.0
3.3
3.6
4.2
100
RCLPROG = 3.01k
RPROG = 1k
IVOUT = 0mA
LTC4098
1x CHARGING
EFFICIENCY
5x CHARGING
EFFICIENCY
VBUS VOLTAGE (V)
1
30
40
50
5
40981 G13
20
10
0
2
3
4
6
BAT = 3.8V
IVOUT = 0mA
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
PowerPath Switching Regulator
Efficiency vs Output Current
Battery Drain Current
vs Battery Voltage
BATTERY VOLTAGE (V)
2.7
0
5
10
15
20
25
30
3.0
3.3
3.6
3.9
40981 G10
4.2
VBUS = 0V
VBUS = 5V
(SUSPEND MODE)
IVOUT = 0μA
OUTPUT CURRENT (A)
0.01
40
50
60
70
80
100
0.1
1
40981 G11
90
5x, 10x MODE
1x MODE
BAT = 3.8V


Similar Part No. - LTC4098

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098 LINER-LTC4098 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4098-1 LINER-LTC4098-1 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6 Datasheet
391Kb / 52P
   Dual-Input Power Manager
LTC4098-3.6 LINER-LTC4098-3.6 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
More results

Similar Description - LTC4098

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4098 LINER-LTC4098_15 Datasheet
454Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098-1 LINER-LTC4098-1_15 Datasheet
454Kb / 32P
   USB Compatible Switching Power Managers/Li-Ion Chargers with Overvoltage Protection
LTC4098EUFD-3.6 LINER-LTC4098EUFD-3.6 Datasheet
338Kb / 5P
   USB Compatible Switching Power Manager/Li-Ion Charger with Overvoltage Protection
LTC4098-3.6 LINER-LTC4098-3.6_15 Datasheet
517Kb / 32P
   USB Compatible Switching Power Manager/LiFePO4 Charger with Overvoltage Protection
logo
SL Power Electronics
JBL702 SLPOWER-JBL702 Datasheet
242Kb / 2P
   Li-ion/Polymer Chargers
logo
Linear Technology
LTC4078 LINER-LTC4078_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X_15 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078X LINER-LTC4078X Datasheet
186Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
LTC4078 LINER-LTC4078 Datasheet
203Kb / 16P
   Dual Input Li-Ion Battery Charger with Overvoltage Protection
logo
Maxim Integrated Produc...
MAX8895V MAXIM-MAX8895V Datasheet
4Mb / 45P
   Li-Ion Chargers with Smart Power Selector, Adapter Type Detection, and USB Enumeration
Rev 4 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com