Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4097 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4097
Description  USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4097 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4097 Datasheet HTML 4Page - Linear Technology LTC4097 Datasheet HTML 5Page - Linear Technology LTC4097 Datasheet HTML 6Page - Linear Technology LTC4097 Datasheet HTML 7Page - Linear Technology LTC4097 Datasheet HTML 8Page - Linear Technology LTC4097 Datasheet HTML 9Page - Linear Technology LTC4097 Datasheet HTML 10Page - Linear Technology LTC4097 Datasheet HTML 11Page - Linear Technology LTC4097 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LTC4097
8
4097f
PIN FUNCTIONS
DCIN (Pin 1): Wall Adapter Input Supply Pin. Provides
power to the battery charger. The maximum supply
current is 1.2A. This pin should be bypassed with a 1µF
capacitor.
USBIN (Pin 2): USB Input Supply Pin. Provides power to
the battery charger. The maximum supply current is 1A.
This pin should be bypassed with a 1µF capacitor.
VNTC (Pin 3): Output Bias Voltage for NTC. A resistor
from this pin to the NTC pin sets up the bias for an NTC
thermistor. When the DCIN or USBIN pin voltage is sufficient
to begin charging (i.e. when the DCIN or USBIN supply
is greater than the undervoltage lockout thresholds and
at least 100mV or 150mV, respectively, above the battery
terminal), the VNTC pin is connected to the appropriate
input through an internal P-channel MOSFET. If sufficient
voltage to charge is not present on DCIN or USBIN the
VNTC pin is high impedance. This output can source up
to 120mA.
⎯C⎯H⎯R⎯G (Pin 4): Open-Drain Charge Status Output. When
the LTC4097 is charging, the ⎯C⎯H⎯R⎯G pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is com-
pleted, ⎯C⎯H⎯R⎯G becomes high impedance. This output can
sink up to 10mA, making it suitable for driving a LED.
SUSP (Pin 5): Charge Enable Input. A logic low on this
pin enables the charger. If left floating, an internal 3.4MΩ
pull-down resistor defaults the LTC4097 to charge mode.
Pull this pin high for shutdown.
NTC (Pin 6): Input to the NTC (Negative Temperature
Coefficient) Thermistor Temperature Monitoring Circuit.
For normal operation, connect a thermistor from the NTC
pin to ground and a resistor of equal value from the NTC
pin to VNTC. When the voltage at this pin drops below
0.349 • VNTC at hot temperatures or rises above
0.765 • VNTC at cold, charging is suspended and the
⎯C⎯H⎯R⎯G pin output will keep the state in which it was be-
fore the event (low-Z or high-Z). Pulling this pin below
0.017 • VNTC disables the NTC feature. There is approxi-
mately 2°C of temperature hysteresis associated with each
of the input comparator’s thresholds.
HPWR (Pin 7): HPWR Enable Input. Used to control the
amount of current drawn from the USB port. A logic high
on the HPWR pin sets the charge current to 100% of the
current programmed by the IUSB pin. A logic low on the
HPWR pin sets the charge current to 20% of the current
programmed by the IUSB pin. An internal 3.4MΩ pull-down
resistor defaults the HPWR pin to its low current state.
ITERM (Pin 8): Charge Termination Current Threshold
Program. The termination current threshold, ITERMINATE, is
set by connecting a resistor, RITERM, to ground. ITERMINATE
is set by the following formula:
I
V
R
TERMINATE
ITERM
=
100
When the battery current, IBAT, falls below the termination
threshold, charging stops and the ⎯C⎯H⎯R⎯G output becomes
high impedance.


Similar Part No. - LTC4097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
More results

Similar Description - LTC4097

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4097 LINER-LTC4097_15 Datasheet
230Kb / 20P
   USB/Wall Adapter Standalone Li-Ion/Polymer Battery Charger
LTC4095 LINER-LTC4095_15 Datasheet
236Kb / 16P
   Standalone USB Li-Ion/Polymer Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
   Standalone Li-ion Battery Charger
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
   Standalone 750mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3781 CONSONANCE-CN3781 Datasheet
212Kb / 11P
   Standalone Li-ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com